Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CN-R2MLD-500 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E5CN-R2MLD-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MLD-500 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E5CN-R2MLD-500 Datasheet HTML 27Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 28Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 29Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 30Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 33Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 34Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
31
Advanced Digital Temperature Controller
E5CN-H (48 x 48 mm)
A New High-performance Controller: High Resolution, High Speed, and
High Input Accuracy.
Logic Operations and Preventive
Maintenance Function.
• High-resolution display with 5 digits/0.01°C display in a compact
Controller (48 x 48 mm).
• High-speed sampling cycle of 60 ms.
• High Accuracy
Thermocouple/Pt input: ±0.1% of PV
Analog input: ±0.1% FS
• Universal inputs on all models (thermocouple, PT, or analog input)
to handle various sensors with one Controller.
• A PV/SV-status display function can be set to automatically alternate
between displaying the status of the Temperature Controller (auto/
manual, RUN/STOP, and alarms) and the PV or SV.
• Flexible contact outputs with logic operations (AND, OR, and delays)
set from the Support Software (CX-Thermo Ver. 4.0)
• Preventive maintenance for relays in the Temperature Controller
using a Control Output ON/OFF Counter.
Main I/O Functions
48
× 48 mm
E5CN-H
Refer to Safety Precautions on page 66.
Universal Sensor Inputs
• Universal thermocouple/Pt/analog
(current/voltage) inputs.
Indication Accuracy
• Thermocouple/Pt input: ±0.1% of PV
• Analog input: ±0.1% FS
2-level Display: PV and SV
5-digit Display with high resolution of 0.01
°C
E5CN-H
Event Inputs
• None
• Two
Sampling Period
• 60 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
• Linear voltage output
Control Output 2
• None
• Voltage output
(for driving SSR)
Auxiliary Outputs
• Two
• Auto/manual switching
• Temperature Controller status display
• Simple program function
• Logic operations
• Control output ON/OFF count alarm
• PV change rate alarm
• Models also available with RS-485 or
RS-232C communications
This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CN-H/E5AN-H/E5EN-H Digital Controllers User's Manual Advanced Type (Cat. No. H157)
E5CN-H/E5AN-H/E5EN-H Digital Controllers Communications Manual Advanced Type (Cat. No. H159)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com