Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA64F Datasheet(PDF) 10 Page - Microchip Technology

Part # 24AA64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64F Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24AA64F Datasheet HTML 6Page - Microchip Technology 24AA64F Datasheet HTML 7Page - Microchip Technology 24AA64F Datasheet HTML 8Page - Microchip Technology 24AA64F Datasheet HTML 9Page - Microchip Technology 24AA64F Datasheet HTML 10Page - Microchip Technology 24AA64F Datasheet HTML 11Page - Microchip Technology 24AA64F Datasheet HTML 12Page - Microchip Technology 24AA64F Datasheet HTML 13Page - Microchip Technology 24AA64F Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
24AA64F/24LC64F/24FC64F
DS22154B-page 10
 2009-2012 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, the Start bit and control byte must
be re-sent. If the cycle is complete, the device will
return the ACK and the master can then proceed with
the next Read or Write command. See Figure 7-1 for a
flow diagram of this operation.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com