Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16321 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP16321
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16321 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP16321 Datasheet HTML 26Page - Microchip Technology MCP16321 Datasheet HTML 27Page - Microchip Technology MCP16321 Datasheet HTML 28Page - Microchip Technology MCP16321 Datasheet HTML 29Page - Microchip Technology MCP16321 Datasheet HTML 30Page - Microchip Technology MCP16321 Datasheet HTML 31Page - Microchip Technology MCP16321 Datasheet HTML 32Page - Microchip Technology MCP16321 Datasheet HTML 33Page - Microchip Technology MCP16321 Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 31
MCP16321/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP16321T:
High-Efficiency Synchronous Buck
Regulator (Tape and Reel) (QFN)
MCP16322T:
High-Efficiency Synchronous Buck
Regulator (Tape and Reel) (QFN)
Output Voltage
150
= 1.5V
180
= 1.8V
250
= 2.5V
330
= 3.3V
500
= 5.0V
ADJ
= Adjustable
Temperature Range: E
= -40°C to +125°C
Package:
NG = Plastic Quad Flat, No Lead Package
(3x3x0.9 mm Body) (QFN), 16-lead
Examples:
a) MCP16321T-150E/NG:
Tape and Reel,
1.5V Output Voltage,
Extended Temperature
16LD QFN Package
b) MCP16321T-ADJE/NG:
Tape and Reel,
Adjustable Output Voltage,
Extended Temperature
16LD QFN Package
c)
MCP16322T-150E/NG:
Tape and Reel,
1.5V Output Voltage,
Extended Temperature
16LD QFN Package
d) MCP16322T-ADJE/NG:
Tape and Reel,
Adjustable Output Voltage,
Extended Temperature
16LD QFN Package
PART NO.
X
/XX
Package
Temperature
Range
Device
T
Tape and Reel
-XXX
Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com