Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79402 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP79402
Description  I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 15Page - Microchip Technology MCP79402 Datasheet HTML 16Page - Microchip Technology MCP79402 Datasheet HTML 17Page - Microchip Technology MCP79402 Datasheet HTML 18Page - Microchip Technology MCP79402 Datasheet HTML 19Page - Microchip Technology MCP79402 Datasheet HTML 20Page - Microchip Technology MCP79402 Datasheet HTML 21Page - Microchip Technology MCP79402 Datasheet HTML 22Page - Microchip Technology MCP79402 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2011 Microchip Technology Inc.
DS25009C-page 19
MCP7940X
6.0
ON BOARD MEMORY
The MCP7940X has both on-board Unique ID memory
and battery-backed SRAM. The SRAM is arranged as
64 x 8 bytes and is retained when the VCC supply is
removed, provided the VBAT supply is present and
enabled. The Unique ID is nonvolatile memory and
does not require the VBAT supply for retention.
6.1
SRAM
FIGURE 6-1:
SRAM/RTCC BYTE WRITE
FIGURE 6-2:
SRAM/RTCC MULTIPLE BYTE WRITE
The 64 bytes of user SRAM are at location 0x20h and
can be accessed during an RTCC update. Upon POR
the SRAM will be in an undefined state.
Writing to the SRAM and RTCC is accomplished in a
similar way to writing to the EEPROM (as described
later in this document) with the following consider-
ations:
• There is no page. The entire 64 bytes of SRAM or
32 bytes of RTCC register can be written in one
command.
• The SRAM allows an unlimited number of read/
write cycles with no cell wear out.
• The RTCC and SRAM are not accessible when
the device is running on the external VBAT.
• The RTCC and SRAM are separate blocks. The
SRAM array may be accessed during an RTCC
update.
• Read and write access is limited to either the
RTCC register block or the SRAM array. The
Address Pointer will rollover to the start of the
addressed block.
• Data written to the RTCC and SRAM are on a per
byte basis.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 110 1
0
1 11
P
x
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA BYTE 0
S
T
O
P
A
C
K
A
C
K
A
C
K
DATA BYTE N
A
C
K
S 1 101
0
111
P
x
Note:
Entering an address past 5F for an SRAM
operation will result in the MCP7940X not
acknowledging the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com