Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLC5020T Datasheet(PDF) 17 Page - Microchip Technology

Part # VLC5020T
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLC5020T Datasheet(HTML) 17 Page - Microchip Technology

Back Button VLC5020T Datasheet HTML 13Page - Microchip Technology VLC5020T Datasheet HTML 14Page - Microchip Technology VLC5020T Datasheet HTML 15Page - Microchip Technology VLC5020T Datasheet HTML 16Page - Microchip Technology VLC5020T Datasheet HTML 17Page - Microchip Technology VLC5020T Datasheet HTML 18Page - Microchip Technology VLC5020T Datasheet HTML 19Page - Microchip Technology VLC5020T Datasheet HTML 20Page - Microchip Technology VLC5020T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 17
MCP16321/2
4.2
Functional Description
4.2.1
STEP-DOWN OR BUCK
CONVERTER
The MCP16321/2 is a synchronous, step-down or buck
converter capable of stepping input voltages ranging
from 6V to 24V down to 0.9V to 5V.
The integrated high-side switch is used to chop or
modulate the input voltage using a controlled duty cycle
for output voltage regulation. The integrated low-side
switch is used to freewheel current when the high-side
switch is turned off. High efficiency is achieved by using
low-resistance switches and low equivalent series
resistance (ESR), inductor and capacitors. When the
high-side switch is turned on, a DC voltage is applied to
the inductor (VIN –VOUT), resulting in a positive linear
ramp of inductor current. When the high-side switch
turns off and the low-side switch turns on, the applied
inductor voltage is equal to –VOUT, resulting in a
negative linear ramp of inductor current. In order to
ensure there is no shoot-through current, a dead time
where both switches are off is implemented between
the high-side switch turning off and the low-side switch
turning on, and the low-side switch turning off and the
high-side switch turning on.
For
steady-state,
continuous
inductor
current
operation, the positive inductor current ramp must
equal the negative current ramp in magnitude. While
operating in steady state, the switch duty cycle must be
equal to the relationship of VOUT/VIN for constant
output voltage regulation, under the condition that the
inductor current is continuous, or never reaches zero.
For discontinuous inductor current operation, the
steady-state duty cycle will be less than VOUT/VIN to
maintain voltage regulation. When the inductor current
reaches zero, the low-side switch is turned off so that
current does not flow in the reverse direction, keeping
the efficiency high. The average of the chopped input
voltage or SW node voltage is equal to the output
voltage, while the average inductor current is equal to
the output current.
FIGURE 4-2:
Synchronous Step-Down
Converter.
SW
IL
VIN
IOUT
VOUT
Continuous Inductor Current Mode
S1 ON
S2 ON
SW
IL
VIN
IOUT
Discontinuous Inductor Current Mode
S1 ON S2
ON
Both
OFF
VIN
L
IL
COUT
VOUT
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com