Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1413 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1413 Datasheet HTML 1Page - SMSC Corporation EMC1413 Datasheet HTML 2Page - SMSC Corporation EMC1413 Datasheet HTML 3Page - SMSC Corporation EMC1413 Datasheet HTML 4Page - SMSC Corporation EMC1413 Datasheet HTML 5Page - SMSC Corporation EMC1413 Datasheet HTML 6Page - SMSC Corporation EMC1413 Datasheet HTML 7Page - SMSC Corporation EMC1413 Datasheet HTML 8Page - SMSC Corporation EMC1413 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SMSC EMC1413 / EMC1414
DATASHEET
Revision 1.41 (02-23-12)
Datasheet
PRODUCT FEATURES
EMC1413 / EMC1414
Multiple Channel 1°C
Temperature Sensors with
Beta Compensation
General Description
The EMC1413 / EMC1414 are high accuracy, low cost,
System Management Bus (SMBus) temperature
sensors. Advanced features such as Resistance Error
Correction (REC), Beta Compensation (to support CPU
diodes requiring the BJT/transistor model including
45nm, 65nm and 90nm processors) and automatic
diode type detection combine to provide a robust
solution for complex envir onmental monitoring
applications.
The EMC1413 monitors three temperature channels and
the EMC1414 monitors four temperature channels. It
provides ±1°C accuracy for both external and internal
diode temperatures.
Resistance Error Correction automatically eliminates the
temperature error caused by series resistance allowing
greater flexibility in routing thermal diodes. Beta
Compensation eliminates temperature errors caused by
low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection
feature monitors each external diode/transistor and
determines the optimum sensor settings for accurate
temperature measurements regardless of processor
technology. This frees the user from providing unique
sensor configurations for each temperature monitoring
application. These advanced features plus ±1°C
measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Programmable SMBus address
Support for diodes requiring the BJT/transistor model
supports 45nm, 65nm, and 90nm CPU thermal diodes
Automatically determines external diode type and
optimal settings
Resistance Error Correction
Up to 3 External Temperature Monitors
±1°C max accuracy (20°C < TDIODE < 110°C)
0.125°C resolution
Supports up to 2.2nF diode filter capacitor
Anti-parallel diodes for extra diode support (EMC1414
only)
Internal Temperature Monitor
±1°C accuracy
0.125°C resolution
3.3V Supply Voltage
Programmable temperature limits for ALERT
Available in these lead-free RoHS compliant
packages
10-pin 3mm x 3mm DFN
10-pin MSOP


Similar Part No. - EMC1413

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1413 MICROCHIP-EMC1413 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC1413 MICROCHIP-EMC1413 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
EMC1413-1-AIZL-TR MICROCHIP-EMC1413-1-AIZL-TR Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1413-3-AIZL-TR MICROCHIP-EMC1413-3-AIZL-TR Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1413-A-AIA-TR MICROCHIP-EMC1413-A-AIA-TR Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
More results

Similar Description - EMC1413

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Maxim Integrated Produc...
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com