Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD2-40ST Datasheet(PDF) 2 Page - CUI INC

Part # MD2-40ST
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD2-40ST Datasheet(HTML) 2 Page - CUI INC

  MD2-40ST Datasheet HTML 1Page - CUI INC MD2-40ST Datasheet HTML 2Page - CUI INC MD2-40ST Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date
02/07/2012 │ page 2 of 3
CUI Inc
│ SERIES: MD2-XXST │ DESCRIPTION: MINI DIN CONNECTOR
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MD2-40ST
MD2-60ST
12.8 0.504
2.20 0.087
5.4 0.213
9.0 0.354
2.30 0.091
(2 PLCS)
3.00 0.118
7.2 0.283
(6 PLCS)
0.90 0.035
(6 PLCS)
1.8 0.071
2.4 0.094
0.1
0.4 0.016
0.1
1.6 0.063
2.2 0.087
(2 PLCS) 0.3
7.2 0.283
2.3 0.091
(2 PLCS)
1.8 0.071
5.4 0.213
9.0 0.354
12.8 0.504
0.1
4.0 0.157
0.1
5.0 0.197
2.0 0.079
0.1
0.15
5.4
0.3 0.012
(TYP)
2.0 0.079
0.3
(6 PLCS)
11.0 0.433
0.213
13.1 0.516
3.0 0.118
0.45 0.018
(TYP)
2
1
BOTTOM VIEW
5
3
6
2.20X1.00
(2 PLCS)
4
1
2
5
43
6
0.3
7.8 0.307
0.3 0.012
1.7 0.067
3.0 0.118
0.3
12.8 0.504
2.20 0.087
5.4 0.213
9.0 0.354
2.30 0.091
(2 PLCS)
3.00 0.118
7.2 0.283
(4 PLCS)
0.90 0.035
(4 PLCS)
3
1
(2 PLCS)
4
2
2.20X1.00
PCB LAYOUT
TOP VIEW
1
2
5
6
21
3
4
PCB LAYOUT
TOP VIEW
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~6)
phosphor bronze
silver
plastic
LCP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com