Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK905 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCLK905
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905 Datasheet(HTML) 5 Page - Analog Devices

  ADCLK905 Datasheet HTML 1Page - Analog Devices ADCLK905 Datasheet HTML 2Page - Analog Devices ADCLK905 Datasheet HTML 3Page - Analog Devices ADCLK905 Datasheet HTML 4Page - Analog Devices ADCLK905 Datasheet HTML 5Page - Analog Devices ADCLK905 Datasheet HTML 6Page - Analog Devices ADCLK905 Datasheet HTML 7Page - Analog Devices ADCLK905 Datasheet HTML 8Page - Analog Devices ADCLK905 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
VCC − VEE
6.0 V
Input Voltage
D (D1, D2), D (D1, D2)
VEE − 0.5 V to
VCC + 0.5 V
D1, D2, D1, D2 to VT Pin
(CML or PECL Termination)
±40 mA
D (D1, D2) to D (D1, D2)
±1.8 V
Maximum Voltage on Output Pins
VCC + 0.5 V
Maximum Output Current
35 mA
Input Termination, VT to D (D1, D2), D (D1, D2)
±2 V
Voltage Reference, VREF
VCC − VEE
Temperature
Operating Temperature Range, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
16-lead LFCSP
70
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com