Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDMB-E Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASDMB-E
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMB-E Datasheet(HTML) 5 Page - Abracon Corporation

  ASDMB-E Datasheet HTML 1Page - Abracon Corporation ASDMB-E Datasheet HTML 2Page - Abracon Corporation ASDMB-E Datasheet HTML 3Page - Abracon Corporation ASDMB-E Datasheet HTML 4Page - Abracon Corporation ASDMB-E Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
| | | | | | | | | | | | | |
|
ASDMB
2
3
3
0
3
r
e
p
s
E
an
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
Cal
ai
n
r
o
fi
8
8
6
2
9
tel 949-546-8000 | fax 949-546-8001
c
a
r
b
a.
w
w
w
|
on.com
Visit
www.abracon.comfor Terms & Conditions of Sale
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
e
z
i
S
e
fi
L
2.5 x 2.0 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
ASDMB
D
E
I
F
I
T
R
E
C
ABRACON IS
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO9001:2008
D
E
I
F
I
T
R
E
C
OUTLINE DIMENSIONS:
Note: Recommend using
an approximately 0.01uF
bypass capacitor between
PIN 2 and 4.
Tube: 140 pcs/tube
Unit orientation in tube:
Dimensions: mm
REFLOW PROFILE:
TAPE AND REEL:
Need a test socket for the ASDMB Series? To
view compatible PRECISION TEST SOCKETS
for these parts, click here.
Dimensions: mm (inches )
T= 1,000pcs/reel (D=180mm)
T3= 3,000pcs/reel (D=180mm)
T5= 5,000pcs/reel (D=330mm)
T10= 10,000pcs/reel (D=330mm)
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial,
Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for Military,
Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure
could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating
environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.
Revised: 04.23.13
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com