Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC010B Datasheet(PDF) 4 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 4 Page - General Semiconductor

  LC010B Datasheet HTML 1Page - General Semiconductor LC010B Datasheet HTML 2Page - General Semiconductor LC010B Datasheet HTML 3Page - General Semiconductor LC010B Datasheet HTML 4Page - General Semiconductor LC010B Datasheet HTML 5Page - General Semiconductor LC010B Datasheet HTML 6Page - General Semiconductor LC010B Datasheet HTML 7Page - General Semiconductor LC010B Datasheet HTML 8Page - General Semiconductor LC010B Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Output Current
(At IO < IO, min, the modules may
exceed output ripple specifications,
but operation is guaranteed.)
Note: On the Lx01xF, the output
voltage may exceed
specifications when
IO <IO, min.
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
0.35
0.25
0.15
0.12
0.10
0.2
0.15
0.1
0.08
0.06
0.1
0.06
0.05
—
—
—
—
—
—
—
—
—
—
—
—
—
3.0
3.0
3.0
1.25
1.0
2.0
2.42
2.0
0.83
0.67
1.0
0.42
0.33
A
A
A
A
A
A
A
A
A
A
A
A
A
Output Current-limit Inception
(VO = 90% VO, set; see Figures
12—14.)
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
7.5
6.5
5
3.1
2.5
7.0
5
4
2.5
2
4.0
2.5
2.5
A
A
A
A
A
A
A
A
A
A
A
A
A
Output Short-circuit Current
(VO = 0.25 V)
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
8.5
8.5
7.5
4.5
4.5
8
7.5
6
3.5
3.5
6.0
3.5
3.5
A
A
A
A
A
A
A
A
A
A
A
A
A
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).
Table 2. Output Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com