Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKA103M3 Datasheet(PDF) 2 Page - General Semiconductor

Part # DKA103M3
Description  NTC Diode Thermometrics Thermistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DKA103M3 Datasheet(HTML) 2 Page - General Semiconductor

  DKA103M3 Datasheet HTML 1Page - General Semiconductor DKA103M3 Datasheet HTML 2Page - General Semiconductor DKA103M3 Datasheet HTML 3Page - General Semiconductor DKA103M3 Datasheet HTML 4Page - General Semiconductor DKA103M3 Datasheet HTML 5Page - General Semiconductor DKA103M3 Datasheet HTML 6Page - General Semiconductor DKA103M3 Datasheet HTML 7Page - General Semiconductor DKA103M3 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Type DK Specifications
Chip thermistor in DO-35 glass package
Options
• Other resistance values within the ranges shown;
e.g. code DKA302*2 for 3000 Ω ±2% at 77°F (25°C)
• Reference temperatures in the range 0°F to 302°F
(-18°C to 150°C)
• Operation to 572°F (300°C) (no solder coating on wires)
• Wire lengths 0.16 in to 1.26 in (4 mm to 32 mm)
±0.04 in (±1 mm) for DK-N; up to 1.02 in (26 mm) for
DK-H
Coding
Replace * in the codes shown below as follows:
• Axial, loose-packed: N
• Axial, bandoliered: B
• Radial, loose-packed: H
• Surface mount, loose-packed: M
R25 W
Material
system
B 25/85 K
Code
R25 ±2%
Code
R25 ±3%
Code
R25 ±5%
Code
R25 ±10%
2000
2
3540 ±1%
DKA202*2
DKA202*3
DKA202*5
DKA202*10
5000
2
3540 ±1%
DKA502*2
DKA502*3
DKA502*5
DKA502*10
10,000
2
3540 ±1%
DKA103*2
DKA103*3
DKA103*5
DKA103*10
10,000
5A
3730 ±2%
DKC103*3
DKC103*5
DKC103*10
12,000
5A
3730 ±2%
DKC123*2
DKC123*3
DKC123*5
DKC123*10
10,000
3
3960 ±1%
DKF103*2
DKF103*3
DKF103*5
DKF103*10
20,000
3
3960 ±1%
DKF203*2
DKF203*3
DKF203*5
DKF203*10
30,000
3
3960 ±1%
DKF303*2
DKF303*3
DKF303*5
DKF303*10
50,000
3
3960 ±1%
DKF503*2
DKF503*3
DKF503*5
DKF503*10
100,000
3
3960 ±1%
DKF104*2
DKF104*3
DKF104*5
DKF104*10
200,000
G
4263 ±2%
DKG204*5
DKG204*10
500,000
D
4573 ±2%
DKD504*5
DKD504*10
1,000,000
D
4573 ±2%
DKD105*5
DKD105*10
Data
• Operating temperature: -40°F to 482°F (-40°C to
250°C)
• Thermal time constant: 7 seconds (cooling in air)
• Dissipation factor: 3.0 mW/K
• Mass: 0.2 g
• Packing/MOQ: 1000/box (loose),
5000/reel (bandoliered)
NTC Type DK wires should not be bent within 0.08
in (2 mm) of glass body
0.1 in (2.8 mm)
nominal
DK-N
0.08 in (2 mm)
maximum
0.02 in (0.5 mm)
nominal
0.08 in (2 mm)
nominal
0.16 in (4 mm)
maximum
1.06 in (27 mm)
minimum
0.2 in (4.2 mm)
maximum
Inside radius
0.05 in (1.2 mm)
nominal
0.8 in (19.5 mm) ±1
Ø 0.02 in (0.5 mm)
DK-H
See separate tables for resistance-temperature data..
Consult factory for additional tolerance requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com