Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW76TAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYW76TAP
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW76TAP Datasheet(HTML) 1 Page - Vishay Siliconix

  BYW76TAP Datasheet HTML 1Page - Vishay Siliconix BYW76TAP Datasheet HTML 2Page - Vishay Siliconix BYW76TAP Datasheet HTML 3Page - Vishay Siliconix BYW76TAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYW72, BYW73, BYW74, BYW75, BYW76
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 11-Sep-12
1
Document Number: 86050
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Fast rectification and switching diode for example for
TV-line output circuits and switch mode power supply
949588
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BYW72 or BYW73
BYW73-TR
2500 per 10" tape and reel
12 500
BYW72 or BYW73
BYW73-TAP
2500 per ammopack
12 500
BYW74 or BYW75 or BYW76
BYW76TR
2500 per 10" tape and reel
12 500
BYW74 or BYW75 or BYW76
BYW76TAP
2500 per ammopack
12 500
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYW72
VR = 200 V; IF(AV) = 3 A
SOD-64
BYW73
VR = 300 V; IF(AV) = 3 A
SOD-64
BYW74
VR = 400 V; IF(AV) = 3 A
SOD-64
BYW75
VR = 500 V; IF(AV) = 3 A
SOD-64
BYW76
VR = 600 V; IF(AV) = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
BYW72
VR = VRRM
200
V
BYW73
VR = VRRM
300
V
BYW74
VR = VRRM
400
V
BYW75
VR = VRRM
500
V
BYW76
VR = VRRM
600
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
100
A
Repetitive peak forward current
IFRM
15
A
Average forward current
IF(AV)
3A
Non repetitive reverse avalanche
energy
I(BR)R = 0.4 A
ER
10
mJ
Junction and storage temperature
range
Tj = Tstg
- 55 to + 175
°C


Similar Part No. - BYW76TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
134Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
logo
General Semiconductor
BYW76 GE-BYW76 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW76 BILIN-BYW76 Datasheet
69Kb / 3P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
More results

Similar Description - BYW76TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com