Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0604JPD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJF0604JPD
Description  Silicon N Channel MOS FET Series Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0604JPD Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJF0604JPD Datasheet HTML 1Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 2Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 3Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 4Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 5Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 6Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 7Page - Renesas Technology Corp RJF0604JPD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJF0604JPD
Target Specifications
R07DS0583EJ0200 Rev.2.00
Page 2 of 7
Apr 13, 2012
Typical Operation Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
VIH
3.5
—
—
V
Input voltage
VIL
—
—
1.2
V
IIH1
—
—
100
A
Vi = 8 V, VDS = 0
IIH2
—
—
50
A
Vi = 3.5 V, VDS = 0
Input current
(Gate non shut down)
IIL
—
—
1
A
Vi = 1.2 V, VDS = 0
IIH(sd)1
—
0.8
—
mA
Vi = 8 V, VDS = 0
Input current
(Gate shut down)
IIH(sd)2
—
0.35
—
mA
Vi = 3.5 V, VDS = 0
Shut down temperature
Tsd
—
175
—
C
Channel temperature
Gate operation voltage
Vop
3.5
—
12
V
Drain current
(Current limitation value)
ID limt
5
—
—
A
VGS = 5 V, VDS = 10 V
Note 4
Note;
4. Pulse test
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
ID1
—
—
17
A
VGS = 3.5 V, VDS = 10 V
Note 5
ID2
—
—
10
mA
VGS = 1.2 V, VDS = 10 V
Drain current
ID3
5
—
—
A
VGS = 5 V, VDS = 10 V
Note 5
Drain to source breakdown
voltage
V(BR)DSS
60
—
—
V
ID = 10 mA, VGS = 0
V(BR)GSS
16
—
—
V
IG = 800 A, VDS = 0
Gate to source breakdown
voltage
V(BR)GSS
–2.5
—
—
V
IG = –100 A, VDS = 0
IGSS1
—
—
100
A
VGS = 8 V, VDS = 0
IGSS2
—
—
50
A
VGS = 3.5 V, VDS = 0
IGSS3
—
—
1
A
VGS = 1.2 V, VDS = 0
Gate to source leak current
IGSS4
—
—
–100
A
VGS = –2.4 V, VDS = 0
IGS(OP)1
—
0.8
—
mA
VGS = 8 V, VDS = 0
Input current (shut down)
IGS(OP)2
—
0.35
—
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
10
A
VDS = 32 V, VGS = 0, Tc = 110C
Gate to source cutoff voltage
VGS(off)
1.1
—
2.1
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
4
9
—
S
ID = 2.5 A, VDS = 10 V
Note 5
RDS(on)
—
58
100
m
ID = 2.5 A, VGS = 4 V
Note 5
Static drain to source on state
resistance
RDS(on)
—
42
75
m
ID = 2.5 A, VGS = 10 V
Note 5
Output capacitance
Coss
—
276
—
pF
VDS = 10 V, VGS = 0, f = 1MHz
Turn-on delay time
td(on)
—
1.6
—
s
Rise time
tr
—
4.7
—
s
Turn-off delay time
td(off)
—
3.7
—
s
Fall time
tf
—
4.4
—
s
VGS = 10 V, ID= 2.5 A, RL = 12 
Body-drain diode forward
voltage
VDF
—
0.81
—
V
IF = 5 A, VGS = 0
Body-drain diode reverse
recovery time
trr
—
67
—
ns
IF = 5 A, VGS = 0
diF/dt = 50 A/s
tos1
—
3.4
—
ms
VGS = 5 V, VDD = 16 V
Over load shut down
operation time
Note 6
tos2
—
1.2
—
ms
VGS = 5 V, VDD = 24 V
Notes: 5. Pulse test
6. Including the junction temperature rise of the over loaded condition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com