Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR1206 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CSR1206
Description  Ultra Low Ohm (Metal Strip) Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR1206 Datasheet(HTML) 1 Page - Riedon Powertron

  CSR1206_13 Datasheet HTML 1Page - Riedon Powertron CSR1206_13 Datasheet HTML 2Page - Riedon Powertron CSR1206_13 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
Type
Power Rating
( W ) at 80°C
Resistances
( mW )
TCR
( ppm/°C )
Tolerances
Operating
Temperature
Range
MAX
Operating
Voltage
CSR1206
1
0.5 - 10
±50
±200 (0.5W)
1%
3%
5%
-55°C
to
+170°C
√(P*R)
CSR2010
1.5
0.5 - 10
±50
±100 (0.5W)
CSR25121
1
0.5, 0.75, 1, 1.5, 2
11, 12, 13, 14, 15
±50
6, 6.5, 7
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512A2
2
0.5, 0.75, 1, 1.5, 2
6.5, 7, 8, 9, 10
±50
6, 6.5, 7
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512B3
2.5
4, 4.5, 5, 6
±50
CSR2512C3
3
0.5, 0.75
±100
1, 1.5, 2, 3
±50
CSR Series
• Resistances from 0.5 mOhm to 15 mOhm
• Power Rating up to 3 Watts
• Resistance Tolerances to ± 1%
• Customized Resistance Available
• TCR’s to ±50 ppm/°C
• Sizes: 1206 / 2010 / 2512
SPECIFICATIONS
Ultra Low Ohm (Metal Strip) Chip Resistor
1
11, 12, 13, 14, 15 mW have green coating
2
6.5, 7, 8, 9, 10 mW at 50ppm have green coating
3
All values have green coating


Similar Part No. - CSR1206_13

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206-0R002F1 RIEDON-CSR1206-0R002F1 Datasheet
170Kb / 3P
CSR Series
CSR1206-0R005F1 RIEDON-CSR1206-0R005F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R007F1 RIEDON-CSR1206-0R007F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR1206ESR010F MERITEK-CSR1206ESR010F Datasheet
389Kb / 7P
Current Sensing Chip Resistor
CSR1206ESR010G MERITEK-CSR1206ESR010G Datasheet
389Kb / 7P
Current Sensing Chip Resistor
More results

Similar Description - CSR1206_13

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
PMR0805 SIRECT-PMR0805 Datasheet
238Kb / 5P
Power Metal Low OHM Chip Resistor
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
Ultra Low Ohm (Metal Strip) Chip Resistor
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
Power Metal Low OHM Chip Resistor
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
Metal Strip Chip Current Sense Resistor
LRP TOKEN-LRP Datasheet
726Kb / 8P
Metal Strip Chip High Power Low Ohmic Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW08K WALSIN-WW08K Datasheet
192Kb / 7P
Metal Ultra low ohm power chip resistors
WW12J WALSIN-WW12J Datasheet
488Kb / 7P
Metal Ultra low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
Metal Ultra low ohm power chip resistors
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
Metal Foil Low Ohm Power Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com