Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5060 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5060
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5060 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5060 Datasheet HTML 9Page - Analog Devices AD5060 Datasheet HTML 10Page - Analog Devices AD5060 Datasheet HTML 11Page - Analog Devices AD5060 Datasheet HTML 12Page - Analog Devices AD5060 Datasheet HTML 13Page - Analog Devices AD5060 Datasheet HTML 14Page - Analog Devices AD5060 Datasheet HTML 15Page - Analog Devices AD5060 Datasheet HTML 16Page - Analog Devices AD5060 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5040/AD5060
Rev. A | Page 13 of 24
CH3 2.00V
CH2 50mV
M1.00ms
CH3
1.36V
2
C2
30mV p-p
C3
4.96V p-p
C3 FALL
∞s
NO VALID
EDGE
C3 RISE
946.2
μs
3
T
T
2.1
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
–10
μs
9.96
μs
8
μs
6
μs
4
μs
2
μs
0
–2
μs
–4
μs
–6
μs
–8
μs
VDD = 5.5V
VREF = 4.096V
10% TO 90% RISE TIME = 0.688
μs
SLEW RATE = 1.16V/
μs
DAC
OUTPUT
1.04V
2.04V
Figure 34. Glitch upon Exiting Hardware Power-Down to Zero Scale
Figure 37. Typical Output Slew Rate
0.0010
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
CURRENT (mA)
CODE = MID-SCALE
VDD = 5V, VREF = 4.096V
VDD = 3V, VREF = 2.5V
VDD = 5.5V
VDD = 3V
16
14
0
2
4
6
8
10
12
0.83
MORE
0.91
0.90
0.89
0.88
0.87
0.86
0.85
0.84
BIN
Figure 35. Typical Output Load Regulation
Figure 38. IDD Histogram VDD = 3.0 V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
IOUT (mA)
CODE = MIDSCALE
VDD = 5V, VREF = 4.096V
VDD = 3V, VREF = 2.5V
VDD = 3V, VREF = 2.5V
VDD = 5V, VREF = 4.096V
14
0
2
4
6
8
10
12
1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 1.09 1.10 1.11MORE
BIN
Figure 36. Typical Current Limiting Plot
Figure 39. IDD Histogram VDD = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com