Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP97 Datasheet(PDF) 20 Page - Analog Devices

Part # OP97
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 20 Page - Analog Devices

Back Button OP97 Datasheet HTML 16Page - Analog Devices OP97 Datasheet HTML 17Page - Analog Devices OP97 Datasheet HTML 18Page - Analog Devices OP97 Datasheet HTML 19Page - Analog Devices OP97 Datasheet HTML 20Page - Analog Devices OP97 Datasheet HTML 21Page - Analog Devices OP97 Datasheet HTML 22Page - Analog Devices OP97 Datasheet HTML 23Page - Analog Devices OP97 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5444/AD5446
Data Sheet
Rev. E | Page 20 of 28
SERIAL INTERFACE
The AD5444/AD5446 have an easy-to-use, 3-wire interface that
is compatible with SPI, QSPI, MICROWIRE, and DSP inter-
face standards. Data is written to the device in 16-bit words.
This 16-bit word consists of two control bits, 12 data bits or
14 data bits, as shown in Figure 44 and Figure 45. The AD5446
uses all 14 bits of DAC data while AD5444 uses 12 bits and
ignores the 2 LSBs.
Control Bit C1 and Control Bit C0 allow the user to load and
update the new DAC code and to change the active clock edge.
By default, the shift register clocks data on the falling edge, but
this can be changed via the control bits. If changed, the DAC
core is inoperative until the next data frame. A power cycle
resets this back to the default condition. On-chip, power-on
reset circuitry ensures the device powers on with zero scale
loaded to the DAC register and the IOUT line.
Table 10. DAC Control Bits
C1
C0
Function Implemented
0
0
Load and update (power-on default)
0
1
Disable SDO
1
0
No operation
1
1
Clock data to shift register on rising edge
SYNC Function
SYNC is an edge-triggered input that acts as a frame synchroni-
zation signal. Data can be transferred into the device only while
SYNC is low. To start the serial data transfer, SYNC should be
taken low, observing the minimum SYNC falling to the SCLK
falling edge setup time, t4. To minimize the power consumption
of the device, the interface powers up fully only when the device
is being written to, that is, on the falling edge of SYNC.
The SCLK and DIN input buffers are powered down on the
rising edge of SYNC.
After the falling edge of the 16th SCLK pulse, bring SYNC high
to transfer data from the input shift register to the DAC register.
Daisy-Chain Mode
Daisy-chain mode is the default power-on mode. To disable
the daisy-chain function, write 01 to the control word. In daisy-
chain mode, the internal gating on the SCLK is disabled. The
SCLK is continuously applied to the input shift register when
SYNC is low. If more than 16 clock pulses are applied, the data
ripples out of the shift register and appears on the SDO line.
This data is clocked out on the rising edge of the SCLK (this
is the default; use the control word to change the active edge)
and is valid for the next device on the falling edge (default).
By connecting this line to the SDIN input on the next device in
the chain, a multidevice interface is constructed. Sixteen clock
pulses are required for each device in the system. Therefore, the
total number of clock cycles must equal 16 N, where N is the
number of devices in the chain.
When the serial transfer to all devices is complete, SYNC
should be taken high. This prevents any further data from
being clocked into the shift register. A burst clock containing
the exact number of clock cycles can be used, and SYNC can be
taken high some time later. After the rising edge of SYNC, data
is automatically transferred from each device’s input register to
the addressed DAC.
When the control bits = 10, the device is in no operation mode.
This can be useful in daisy-chain applications where the user
does not want to change the settings of a particular DAC in the
chain. Simply write 10 to the control bits for that DAC and the
following data bits are ignored.
DB0 (LSB)
DB15 (MSB)
DB7 DB6 DB5 DB4
DB3 DB2
DB0
DB1
C1
C0
DB11 DB10
DB8
DB9
X
X
CONTROL BITS
DATA BITS
Figure 44. AD5444 12-Bit Input Shift Register Contents
DB0 (LSB)
DB15 (MSB)
DB9 DB8 DB7
DB6 DB5 DB4
DB2
DB3
C1
C0
DB13 DB12
DB10
DB11
DB0
DB1
CONTROL BITS
DATA BITS
Figure 45. AD5446 14-Bit Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com