Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9512-PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9512-PCB
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512-PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9512-PCB Datasheet HTML 2Page - Analog Devices AD9512-PCB Datasheet HTML 3Page - Analog Devices AD9512-PCB Datasheet HTML 4Page - Analog Devices AD9512-PCB Datasheet HTML 5Page - Analog Devices AD9512-PCB Datasheet HTML 6Page - Analog Devices AD9512-PCB Datasheet HTML 7Page - Analog Devices AD9512-PCB Datasheet HTML 8Page - Analog Devices AD9512-PCB Datasheet HTML 9Page - Analog Devices AD9512-PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9512
Rev. A | Page 6 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY ADJUST
OUT4; LVDS and CMOS
Shortest Delay Range4
35h <5:1> 11111b
Zero Scale
0.05
0.36
0.68
ns
36h <5:1> 00000b
Full Scale
0.72
1.12
1.51
ns
36h <5:1> 11111b
Linearity, DNL
0.5
LSB
Linearity, INL
0.8
LSB
Longest Delay Range4
35h <5:1> 00000b
Zero Scale
0.20
0.57
0.95
ns
36h <5:1> 00000b
Full Scale
9.0
10.2
11.6
ns
36h <5:1> 11111b
Linearity, DNL
0.3
LSB
Linearity, INL
0.6
LSB
Delay Variation with Temperature
Long Delay Range, 10 ns5
Zero Scale
0.35
ps/°C
Full Scale
−0.14
ps/°C
Short Delay Range, 1 ns5
Zero Scale
0.51
ps/°C
Full Scale
0.67
ps/°C
1 The measurements are for CLK1. For CLK2, add approximately 25 ps.
2 This is the difference between any two similar delay paths within a single device operating at the same voltage and temperature.
3 This is the difference between any two similar delay paths across multiple devices operating at the same voltage and temperature.
4 Incremental delay; does not include propagation delay.
5 All delays between the zero scale and full scale can be estimated by linear interpolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com