Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT01GHZ Datasheet(PDF) 6 Page - Analog Devices

Part # MAT01GHZ
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01GHZ Datasheet(HTML) 6 Page - Analog Devices

Back Button MAT01GHZ Datasheet HTML 2Page - Analog Devices MAT01GHZ Datasheet HTML 3Page - Analog Devices MAT01GHZ Datasheet HTML 4Page - Analog Devices MAT01GHZ Datasheet HTML 5Page - Analog Devices MAT01GHZ Datasheet HTML 6Page - Analog Devices MAT01GHZ Datasheet HTML 7Page - Analog Devices MAT01GHZ Datasheet HTML 8Page - Analog Devices MAT01GHZ Datasheet HTML 9Page - Analog Devices MAT01GHZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MAT01
Data Sheet
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Offset Voltage vs. Temperature
Figure 3. Current Gain vs. Collector Current
Figure 4. Noise Voltage Density vs. Frequency
Figure 5. Offset Voltage vs. Time
Figure 6. Current Gain vs. Temperature
Figure 7. Noise Current Density vs. Frequency
200
150
100
50
0
–25
25
75
125
100
–75
0
50
150
TEMPERATURE (°C)
OV < VCB < 30V
MAT01G
MAT01A
1000
800
600
200
0
1n
100n
10µ
1m
100m
10n
100µ
10m
COLLECTOR CURRENT (A)
400
TA = 25°C
VCB = 15V
MAT01A
MAT01G
1000
100
10
1
0.1
10
10k
1
100
10k
FREQUENCY (Hz)
TA = 25°C
IC = 10µA WORST CASE
IC = 10µA TYPICAL
IC = 300µA TYPICAL
10
4
–2
–8
–10
1
4
8
12
10
0
2
6
13
TIME (Months)
6
0
–6
8
2
–4
3
7
11
9
5
DEVICE A
DEVICE B
DEVICE C
DEVICE D
1000
800
600
400
200
–50
0
25
75
125
100
–75
–25
50
TEMPERATURE (°C)
OV < VCB < 30V
(EXCLUDES ICBO)
100nA < IC < 25mA
MAT01G
MAT01A
100
10
1
0.1
0.1
10
1k
1
100
10k
FREQUENCY (Hz)
TA = 25°C
IC = 10µA
WORST CASE
IC = 10µA TYPICAL
IC = 300µA TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com