Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR140SF Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR140SF
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR140SF Datasheet(HTML) 2 Page - ON Semiconductor

  MBR140SF Datasheet HTML 1Page - ON Semiconductor MBR140SF Datasheet HTML 2Page - ON Semiconductor MBR140SF Datasheet HTML 3Page - ON Semiconductor MBR140SF Datasheet HTML 4Page - ON Semiconductor MBR140SF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR140SF, NRVB140SF
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current (At Rated VR, TL = 112°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 kHz, TL = 95°C)
IFRM
2.0
A
Non−Repetitive Peak Surge Current
(Non−Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
30
A
Storage Temperature
Tstg
−55 to 150
°C
Operating Junction Temperature
TJ
−55 to 125
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 1)
Thermal Resistance, Junction−to−Lead (Note 2)
Thermal Resistance, Junction−to−Ambient (Note 1)
Thermal Resistance, Junction−to−Ambient (Note 2)
Rtjl
Rtjl
Rtja
Rtja
26
21
325
82
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4.
2. Mounted with 1 in. copper pad (Cu area 700 mm2).
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3), See Figure 2
VF
TJ = 25°C
TJ = 85°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 3.0 A)
0.36
0.55
0.85
0.30
0.515
0.88
Maximum Instantaneous Reverse Current (Note 3), See Figure 4
IR
TJ = 25°C
TJ = 85°C
mA
(VR = 40 V)
(VR = 20 V)
0.5
0.15
25
18
3. Pulse Test: Pulse Width ≤ 250 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com