Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8571ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8571ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8571ARMZ Datasheet HTML 11Page - Analog Devices AD8571ARMZ Datasheet HTML 12Page - Analog Devices AD8571ARMZ Datasheet HTML 13Page - Analog Devices AD8571ARMZ Datasheet HTML 14Page - Analog Devices AD8571ARMZ Datasheet HTML 15Page - Analog Devices AD8571ARMZ Datasheet HTML 16Page - Analog Devices AD8571ARMZ Datasheet HTML 17Page - Analog Devices AD8571ARMZ Datasheet HTML 18Page - Analog Devices AD8571ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 15 of 24
AUTO-ZERO PHASE
In this phase, all ΦAX switches are closed, and all ΦB switches
are open. Here, the nulling amplifier is taken out of the gain
loop by shorting its two inputs together. Of course, there is a
degree of offset voltage, shown as VOSA, inherent in the nulling
amplifier, that maintains a potential difference between the +IN
and −IN inputs. The nulling amplifier feedback loop is closed
through ΦA2, and VOSA appears at the output of the nulling
amplifier and on CM1, an internal capacitor in the AD857x.
Mathematically, this can be expressed in the time domain as
VOA[t] = AAVOSA[t] − BAVOA[t]
(1)
This can also be expressed as
[]
[]
A
OSA
A
OA
B
t
V
A
t
V
+
=
1
(2)
The previous equations show that the offset voltage of the nulling
amplifier times a gain factor appears at the output of the nulling
amplifier and thus on the CM1 capacitor.
AMPLIFICATION PHASE
When the ΦB switches close and the ΦAX switches open for
the amplification phase, the offset voltage remains on CM1 and
essentially corrects any error from the nulling amplifier. The
voltage across CM1 is designated as VNA. The potential difference
between the two inputs to the primary amplifier is designated as
VIN, or VIN = (VIN+ − VIN−). The output of the nulling amplifier
can then be expressed as
VOA[t] = AA(VIN[t] − VOSA[t]) − BAVNA[t]
(3)
Because ΦAX is now open and there is no place for CM1 to
discharge, the voltage (VNA) at the present time (t) is equal to
the voltage at the output of the nulling amp (VOA) at the time when
ΦAX is closed. If the period of the autocorrection switching
frequency is designated as TS, the amplifier switches between
phases every 0.5 × TS. Therefore, in the amplification phase
[]
⎥⎦
⎤
⎢⎣
⎡ −
=
S
NA
NA
T
t
V
t
V
2
1
(4)
and substituting Equation 4 and Equation 2 into Equation 3 yields
[]
[]
[ ]
A
S
OSA
A
A
OSA
A
IN
A
OA
B
T
t
V
B
A
t
V
A
t
V
A
t
V
+
⎥⎦
⎤
⎢⎣
⎡ −
−
+
=
1
2
1
(5)
For the sake of simplification, it can be assumed that the auto-
correction frequency is much faster than any potential change
in VOSA or VOSB. This is a good assumption because changes in
offset voltage are a function of temperature variation or long-
term wear time, both of which are much slower than the
auto-zero clock frequency of the AD857x, which effectively
makes the VOS time invariant, and Equation 5 can be rewritten as
[]
[ ]
(
)
A
OSA
A
A
OSA
A
A
IN
A
OA
B
V
B
A
V
B
A
t
V
A
t
V
+
−
+
+
=
1
1
(6)
or
[]
[ ]
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
+
=
A
OSA
IN
A
OA
B
V
t
V
A
t
V
1
(7)
Here, the auto-zeroing becomes apparent. Note that the VOS
term is reduced by a factor of 1 + BA, which shows how the
nulling amplifier has greatly reduced its own offset voltage error
even before correcting the primary amplifier. Therefore, the
primary amplifier output voltage is the voltage at the output of the
AD857x amplifier. It is equal to
VOUT[t] = AB(VIN[t] + VOSB) + BBVNB
(8)
In the amplification phase, VOA = VNB, so this can be rewritten as
[ ]
[]
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
+
=
A
OSA
IN
A
B
OSB
B
IN
B
OUT
B
V
t
V
A
B
V
A
t
V
A
t
V
1
(9)
Combining terms yield
[ ]
[]
()
OSB
B
A
OSA
B
A
B
A
B
IN
OUT
V
A
B
V
B
A
B
A
A
t
V
t
V
+
+
+
+
=
1
(10)
The AD857x architecture is optimized in such a way that
AA = AB, BA = BB, and BA >> 1. In addition, the gain product to
AABB is much greater than AB. Therefore, Equation 10 can be
simplified to
VOUT[t] = VIN[t]AABA + AA(VOSA+ VOSB)
(11)
Most obvious is the gain product of both the primary and nulling
amplifiers. This AABA term is what gives the AD857x its extremely
high open-loop gain. To understand how VOSA and VOSB relate to
the overall effective input offset voltage of the complete amplifier,
set up the generic amplifier equation of
VOUT = k × (VIN + VOS, EFF)
(12)
where:
k is the open-loop gain of an amplifier.
VOS, EFF is its effective offset voltage.
Putting Equation 12 into the form of Equation 11 gives
VOUT[t] = VIN[t]AABA + VOS, EFFAABA
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com