Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM800M Datasheet(PDF) 3 Page - Analog Devices

Part # ADM800M
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800M Datasheet(HTML) 3 Page - Analog Devices

  ADM800M Datasheet HTML 1Page - Analog Devices ADM800M Datasheet HTML 2Page - Analog Devices ADM800M Datasheet HTML 3Page - Analog Devices ADM800M Datasheet HTML 4Page - Analog Devices ADM800M Datasheet HTML 5Page - Analog Devices ADM800M Datasheet HTML 6Page - Analog Devices ADM800M Datasheet HTML 7Page - Analog Devices ADM800M Datasheet HTML 8Page - Analog Devices ADM800M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
ADM691A/ADM693A/ADM800L/M
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
CHIP ENABLE GATING
CEIN Leakage Current
±0.005
±1
µA
Disable Mode
CEIN to CEOUT Resistance
40
150
Ω
Enable Mode
CEIN to CEOUT Propagation Delay
6
10
ns
RIN = 50 Ω, CLOAD = 50 pF
CEOUT Short-Circuit Current
0.1
0.75
2.0
mA
Disable Mode, CEOUT = 0 V
CEOUT Output Voltage
3.5
V
VCC = 5 V, IOUT = –100 µA
2.7
V
VCC = 0 V, VBATT = 2.8 V, IOUT = 1 µA
RESET
to CEOUT Propagation Delay
12
µs
Power Down
OSCILLATOR
OSC IN Input Current
0.1
±5
µA
OSC SEL = 0 V
OSC In Input Pullup Current
10
100
µA
OSC SEL = VOUT or Floating
OSC SEL Input Pullup Current
10
100
µA
OSC SEL = 0 V
OSC IN Frequency Range
500
kHz
OSC SEL = 0 V
OSC IN Threshold Voltage
VOUT – 0.4
VOUT – 0.6
V
VIH
3.65
2.00
V
VIL
OSC IN Frequency with Ext Capacitor
100
kHz
OSC SEL = 0 V, COSC = 47 pF
NOTES
1Either V
CC or VBATT can be 0 V if the other > +2.0 V.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = 25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . –0.3 V to VOUT + 0.5 V
Input Current
VCC (Peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mA
VCC (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mA
VBATT (Peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mA
VBATT (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
GND, BATT ON . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . 842 mW
θϑ
A Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 135°C/W
Power Dissipation, R-16 Narrow SOIC . . . . . . . . . . . 700 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 110
°W
Power Dissipation, R-16 Wide SOIC . . . . . . . . . . . . . 762 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 110
°C/W
Power Dissipation, RU-16 TSSOP . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 158
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
Table I. Product Selection Table
Power On
Low VCC
Watchdog
Battery Backup
Base Drive
Chip Enable
Part No.
Reset Time
Threshold
Timeout
Switching
Ext PNP
Signals
ADM691A
200 ms or Adj.
4.65 V
± 3%
100 ms, 1.6 s, Adj.
Yes
Yes
Yes
ADM693A
200 ms or Adj.
4.4 V
± 3%
100 ms, 1.6 s, Adj.
Yes
Yes
Yes
ADM800M
200 ms or Adj.
4.4 V
± 2%
100 ms, 1.6 s, Adj.
Yes
Yes
Yes
ADM800L
200 ms or Adj.
4.65 V
± 2%
100 ms, 1.6 s, Adj.
Yes
Yes
Yes
ORDERING GUIDE
Temperature
Package
Model
Range
Option
ADM691AAN
–40
°C to +85°C
N-16
ADM691AARN
–40
°C to +85°C
R-16N
ADM691AARW
–40
°C to +85°C
R-16W
ADM691AARU
–40
°C to +85°C
RU-16
ADM693AAN
–40
°C to +85°C
N-16
ADM693AARN
–40
°C to +85°C
R-16N
ADM693AARW
–40
°C to +85°C
R-16W
ADM800LAN
–40
°C to +85°C
N-16
ADM800LARN
–40
°C to +85°C
R-16N
ADM800LARW
–40
°C to +85°C
R-16W
ADM800MAN
–40
°C to +85°C
N-16
ADM800MARN
–40
°C to +85°C
R-16N
ADM800MARW
–40
°C to +85°C
R-16W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com