Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG601CSURF Datasheet(PDF) 3 Page - Analog Devices

Part # ADG601CSURF
Description  Low on resistance, 2.5 OHM maximum
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601CSURF Datasheet(HTML) 3 Page - Analog Devices

  ADG601CSURF Datasheet HTML 1Page - Analog Devices ADG601CSURF Datasheet HTML 2Page - Analog Devices ADG601CSURF Datasheet HTML 3Page - Analog Devices ADG601CSURF Datasheet HTML 4Page - Analog Devices ADG601CSURF Datasheet HTML 5Page - Analog Devices ADG601CSURF Datasheet HTML 6Page - Analog Devices ADG601CSURF Datasheet HTML 7Page - Analog Devices ADG601CSURF Datasheet HTML 8Page - Analog Devices ADG601CSURF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG601/ADG602
Rev. C | Page 3 of 12
SPECIFICATIONS
DUAL SUPPLY
VDD = 5 V ± 10%, VSS = –5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2.
B Version1
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = –4.5 V
On Resistance (RON)
2
Ω typ
VS = ±4.5 V, IDS = −10 mA; see Figure 15
2.5
5.5
Ω max
On-Resistance Flatness (RFLAT (ON))
0.35
0.4
Ω typ
VS = ±3.3 V, IDS = −10 mA
0.6
0.65
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = +4.5 V/−4.5 V, VD = −4.5 V/+4.5 V; see Figure 16
±0.25
±1
nA max
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = +4.5 V/−4.5 V, VD = −4.5 V/+4.5 V; see Figure 16
±0.25
±1
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = +4.5 V or −4.5 V; see Figure 17
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
80
ns typ
RL = 300 Ω, CL = 35 pF
120
155
ns max
VS = 3.3 V; see Figure 18
tOFF
45
ns typ
RL = 300 Ω, CL = 35 pF
75
90
ns max
VS = 3.3 V; see Figure 18
Charge Injection
250
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 20
Bandwidth −3 dB
180
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 21
CS (Off )
50
pF typ
f = 1 MHz
CD (Off )
50
pF typ
f = 1 MHz
CD, CS (On)
145
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
μA max
1 Temperature range for B version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com