| Electronic Components Datasheet Search |
|
L78L09ACUTR Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L09ACUTR Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 33 page ![]() L78LxxAB, L78LxxAC, L78LxxC Electrical characteristics Doc ID 2145 Rev 21 15/33 TJ = 0 to 125 °C for L78L18AC, TJ = -40 to 125 °C for L78L18AB. TJ = 0 to 125 °C for L78L24AC, TJ = -40 to 125 °C for L78L24AB. Table 21. Electrical characteristics of L78L18AC (VI = 27 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 17.3 18 18.7 V VO Output voltage IO = 1 to 40 mA, VI = 22 to 33 V 17.1 18.9 V IO = 1 to 70 mA, VI = 27 V 17.1 18.9 ΔVO Line regulation VI = 22 to 33 V, TJ = 25 °C 320 mV VI = 22 to 33 V, TJ = 25 °C 270 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 170 mV IO = 1 to 40 mA, TJ = 25 °C 85 Id Quiescent current TJ = 25 °C 6.5 mA TJ = 125 °C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 23 to 33 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 120 µV SVR Supply voltage rejection VI = 23 to 33 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 33 38 dB Vd Dropout voltage 1.7 V Table 22. Electrical characteristics of L78L24AB and L78L24AC (VI = 33 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 23 24 25 V VO Output voltage IO = 1 to 40 mA, VI = 27 to 38 V 22.8 25.2 V IO = 1 to 70 mA, VI = 33 V 22.8 25.2 ΔVO Line regulation VI = 27 to 38 V, TJ = 25 °C 350 mV VI = 28 to 38 V, TJ = 25 °C 300 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 200 mV IO = 1 to 40 mA, TJ = 25 °C 100 Id Quiescent current TJ = 25 °C 6.5 mA TJ = 125 °C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 28 to 38 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 200 µV SVR Supply voltage rejection VI = 29 to 33 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 31 37 dB Vd Dropout voltage 1.7 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |