Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M05AB Datasheet(PDF) 29 Page - STMicroelectronics

Part # L78M05AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05AB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L78M05AB Datasheet HTML 23Page - STMicroelectronics L78M05AB Datasheet HTML 24Page - STMicroelectronics L78M05AB Datasheet HTML 25Page - STMicroelectronics L78M05AB Datasheet HTML 26Page - STMicroelectronics L78M05AB Datasheet HTML 27Page - STMicroelectronics L78M05AB Datasheet HTML 28Page - STMicroelectronics L78M05AB Datasheet HTML 29Page - STMicroelectronics L78M05AB Datasheet HTML 30Page - STMicroelectronics L78M05AB Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
L78MxxAB, L78MxxAC
Order codes
Doc ID 2147 Rev 13
29/31
9
Order codes
Table 15.
Order codes
Part numbers
Packaging
TO-220
DPAK
Output voltages
L78M05AB
L78M05ABV
L78M05ABDT-TR
5 V
L78M05ABV-DG (1)
1.
TO-220 Dual Gauge frame
5 V
L78M05AC
L78M05ACDT-TR
5 V
L78M06AB
L78M06ABDT-TR
6 V
L78M08AB
L78M08ABDT-TR
8 V
L78M09AB
L78M09ABDT-TR
9 V
L78M10AB
L78M10ABDT-TR
10 V
L78M12AB
L78M12ABV
L78M12ABDT-TR
12 V
L78M12AC
L78M12ACDT-TR
12 V
L78M15AB
L78M15ABV
L78M15ABDT-TR
15 V
L78M15ABV-DG (1)
15 V
L78M24AB
L78M24ABDT-TR
24 V
L78M24AC
L78M24ACDT-TR
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com