Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M06AB Datasheet(PDF) 28 Page - STMicroelectronics

Part # L78M06AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06AB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L78M06AB Datasheet HTML 23Page - STMicroelectronics L78M06AB Datasheet HTML 24Page - STMicroelectronics L78M06AB Datasheet HTML 25Page - STMicroelectronics L78M06AB Datasheet HTML 26Page - STMicroelectronics L78M06AB Datasheet HTML 27Page - STMicroelectronics L78M06AB Datasheet HTML 28Page - STMicroelectronics L78M06AB Datasheet HTML 29Page - STMicroelectronics L78M06AB Datasheet HTML 30Page - STMicroelectronics L78M06AB Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Package mechanical data
L78MxxAB, L78MxxAC
28/31
Doc ID 2147 Rev 13
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T22.4
0.882
Ao
6.806.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P7.98.0
8.1
0.311
0.315
0.319
Tape & reel DPAK-PPAK mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com