Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4981A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4981A
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4981A Datasheet HTML 4Page - STMicroelectronics L4981A Datasheet HTML 5Page - STMicroelectronics L4981A Datasheet HTML 6Page - STMicroelectronics L4981A Datasheet HTML 7Page - STMicroelectronics L4981A Datasheet HTML 8Page - STMicroelectronics L4981A Datasheet HTML 9Page - STMicroelectronics L4981A Datasheet HTML 10Page - STMicroelectronics L4981A Datasheet HTML 11Page - STMicroelectronics L4981A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
C7
220nF
100V
R17
806K
1%
R17
806K
1%
R22
R23
R19
1.1M
5%
R19
1.1M
5%
R8
33K
5%
R7 360K 5% R6 620K 5%
R6
620K
5%
4
7
BRIDGE
4 x BY214
C1
220nF
400V
R21
5.1K
1%
L4981A
2
R15
10K
0.5W
R14
56
0.5W
C10
15nF
100V
19
15
D4
1N4150
DZ
22V
0.5W
C11
100
µF
25V
D3 1N4150
D3
2N2222
C8
220nF
100V
L 0.9mH
14
13
C9
330nF
R12
220K
5%
3
C12
270pF
630V
STH/STW15NB50
R13
Q1
Q2
STK2N50
D5
BYT
11600
R18
1.8K
4W
20
R11
560 1%
R3
2.7K
5%
R5
27K 5%
0.07 2W
C3
1nF
R4
2.7K
5%
R16
24K
1%
15 5%
C4
1nF
C6
1
µF
16V
61
R2
11K
1%
R10
21K
1%
R1
412K
1%
R9
910K
1%
R1
412K
1%
R9
910K
1%
D1 5TTA5060
12
C5
1
µF
16V
11
17
18
9
5
8
FUSE
C2
100
µF
450V
+
-
Vo
D93IN029C
Vi
88VAC to 254VAC
NTC
D2 1N4150
RS
R20
10K 5%
Figure 9A: L4981A Power Factor Corrector (200W)
fSW = 80kHz; PO = 200W; VOUT = 400V; Irms max = 2.53A; VOVP = 442V; IPK max = 6.2A
C7
220nF
100V
R17
806K
1%
R22
1.1M
R17
806K
1%
R22
R23
R19
1.1M
5%
R19
1.1M
5%
R8
33K
5%
R7 360K 5% R6 620K 5%
R6
620K
5%
4
16
7
BRIDGE
4 x BY214
C1
220nF
400V
R21
5.1K
1%
L4981B
2
R15
10K
0.5W
R14
56
0.5W
C10
15nF
100V
19
15
D4
1N4150
DZ
22V
0.5W
C11
100
µF
25V
D3 1N4150
D3
2N2222
C8
220nF
100V
L 0.9mH
14
13
C9
330nF
R12
220K
5%
3
C12
270pF
630V
STH/STW15NB50
R13
Q1
Q2
STK2N50
D5
BYT
11600
R18
1.8K
4W
20
R11
560 1%
R3
2.7K
5%
R5
27K 5%
0.07 2W
C3
1nF
R4
2.7K
5%
R16
24K
1%
15 5%
C4
1.1nF
C6
1
µF
16V
61
R2
11K
1%
R10
21K
1%
R1
412K
1%
R9
910K
1%
R1
412K
1%
R9
910K
1%
D1 5TTA5060
12
C5
1
µF
16V
11
17
18
9
5
8
FUSE
C2
100
µF
450V
+
-
Vo
D95IN220A
Vi
88VAC to 254VAC
NTC
D2 1N4150
RS
R20
10K 5%
Figure 9B: L4981B Power Factor Corrector (200W)
fSW = 80 to 92kHz; PO = 200W; VOUT = 400V; Irms max = 2.53A; VOVP = 442V; IPK max = 6.2A
L4981A - L4981B
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com