Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP55 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MP55
Description  Ultra Precision Molded Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MP55 Datasheet(HTML) 1 Page - Riedon Powertron

  MP55 Datasheet HTML 1Page - Riedon Powertron MP55 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
1/12
MP Series
UltraPrecisionMoldedMetalFilmResistors
Type
MP55
MP60
MP65
MP70
MIL-R-10509F
RN55
RN60
RN65
RN70
DIN-44061
0207
0411
0617
0719
Powerrating(125°C)
0.10W
0.125W
0.25W
0.5W
Powerrating(70°C)
0.25W
0.5W
0.75W
1.0W
Tolerances
0.025%/0.05%/0.10%/0.25%/0.5%/1%
TemperatureCoefficient
2/3/5/10/15/25ppm/°C
ResistanceRange
(basedontolerance/
TCR)
0.025%0.05%0.10%0.25%
0.5%1%;2ppm/C3ppm/C
5ppm/C10ppm/C15ppm/C
10-100kΩ
0.05%0.1%0.25%0.5%1%
5ppm/C10ppm/C15ppm/C
25ppm/C
10-300kΩ
0.1%0.25%0.5%1%
15ppm/C25ppm/C
10to3MΩ
OperatingVoltage(Umax)
250V
300V
350V
400V
ShortTimeOverloadVoltage
500V
600V
700V
800V
OperatingTemperatureRange
-55to155°C
Max.ResistanceChangeatratedpower
∆R/Rmaxafter1000h
≤0.025%
≤0.05%
InsulationResistance
>1G
InsulationVoltage
>500V
Dimensionsinmm[inches]
L
D
d
Tolerance
6.8[0.27]
2.5[0.1]
0.6[0.024]
±0.1[0.003]
10.0[0.39]
3.7[0.15]
0.6[0.024]
±0.1[0.003]
15[0.98]
5.2[0.20]
0.6[0.024]
±0.1[0.003]
18.3[0.72]
6.5[0.26]
0.8[0.031]
±0.1[0.003]
SPECIFICATIONS
PartNumber-Resistance-Tolerance
MP55100Ohms0.5%
Ordering Information
• Resistances from 10Ohm to 3MOhms
• Power Rating to 1.0Watts
• Resistance Tolerances to ±0.025%
• TCR’s to ±2ppm/K
• Convenient RN Type Package Styles


Similar Part No. - MP55

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
241Kb / 1P
Film Resistors
logo
Monolithic Power System...
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505AGL MPS-MP5505AGL Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505AGL MPS-MP5505AGL Datasheet
717Kb / 6P
PMU for SSD Evaluation Board
More results

Similar Description - MP55

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
Ultra Precision Metal Film Resistors
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
Ultra Precision Metal Film Resistors
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
ULTRA PRECISION METAL FILM RESISTORS
logo
American Accurate Compo...
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
SRN Series Ultra Precision Molded Metal Film Resistors
logo
List of Unclassifed Man...
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
Metal thin film chip resistors (Ultra-precision)
logo
TT Electronics.
CAR TTELEC-CAR_17 Datasheet
395Kb / 3P
Ultra Precision Metal Film Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
Metal Film Ultra Precision Melf Resistors
logo
Vishay Siliconix
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com