Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556DT Datasheet(PDF) 2 Page - STMicroelectronics

Part # NE556DT
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556DT Datasheet(HTML) 2 Page - STMicroelectronics

  NE556DT Datasheet HTML 1Page - STMicroelectronics NE556DT Datasheet HTML 2Page - STMicroelectronics NE556DT Datasheet HTML 3Page - STMicroelectronics NE556DT Datasheet HTML 4Page - STMicroelectronics NE556DT Datasheet HTML 5Page - STMicroelectronics NE556DT Datasheet HTML 6Page - STMicroelectronics NE556DT Datasheet HTML 7Page - STMicroelectronics NE556DT Datasheet HTML 8Page - STMicroelectronics NE556DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Schematic diagrams
NE556 - SA556 - SE556
2/16
1
Schematic diagrams
Figure 1.
Block diagram
Figure 2.
Schematic diagram
THRESHOLD
COMP
5kW
5kW
5kW
TRIGGER
R
FLIP-FLOP
S
Q
DISCHARGE
OUT
INHIBIT/
RESET
RESET
COMP
S
+
CONTROL VOLTAGE
VCC
1/2 NE556
OUTPUT
CONTROL
VOLTAGE
THRESHOLD
COMPARATOR
VCC
R1
4.7kW
R2
830W
Q5
Q6
Q7
Q8
Q9
R3
4.7kW
R4
1kW
R8
5kW
Q1
Q2
Q3
Q4
Q10
Q11 Q12
Q13
THRESHOLD
TRIGGER
RESET
DISCHARGE
G N D
2
4
7
1
Q14
Q15
R5
10kW
R6
100kW
R7
100kW
R10
5kW
Q17
Q16
Q18
R9
5kW
D2
R16
100W
R15
4.7kW
R14
220W
Q24
Q23
R17
4.7kW
3
Q22
R13
D1
Q19
Q20
Q21
R12
6.8kW
5
TRIGGER COMPARATOR
FLIP FLOP
R11
5kW
3.9kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com