Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556 Datasheet(PDF) 8 Page - STMicroelectronics

Part # NE556
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button NE556 Datasheet HTML 4Page - STMicroelectronics NE556 Datasheet HTML 5Page - STMicroelectronics NE556 Datasheet HTML 6Page - STMicroelectronics NE556 Datasheet HTML 7Page - STMicroelectronics NE556 Datasheet HTML 8Page - STMicroelectronics NE556 Datasheet HTML 9Page - STMicroelectronics NE556 Datasheet HTML 10Page - STMicroelectronics NE556 Datasheet HTML 11Page - STMicroelectronics NE556 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application information
NE556 - SA556 - SE556
8/16
4
Application information
4.1
Typical application
Figure 12.
50% duty cycle oscillator
t1 = 0.693 RA.C
Figure 13.
Pulse width modulator
Output
R
C
1/2
NE556
SE556
6
4
5
7
3
2
1
14
A
(8)
(10)
(9)
(11)
(12)
VCC
51kW
(13)
22kW
Rs
0.01nF
t2 = [(RARB)/(RA+RB)]CLn
RB
2RA
–
2RB
RA
–
---------------------------
f =
t1
t1
t2
+
----------------- RB <
1
2
--- RA ti
Output
R
C
1/2
NE556
SE556
6
4
5
7
3
2
1
14
A
(8)
(10)
(9)
(11)
(12)
VCC
(13)
Trigger
MODULATION
INPUT
t2
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com