Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF130N10F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF130N10F3
Description  N-channel 100 V, 7.8 m廓 typ., 120 A STripFET?줚II Power MOSFET in TO-220FP, I짼PAKFP, H짼PAK-2 and TO-220 packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF130N10F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF130N10F3 Datasheet HTML 3Page - STMicroelectronics STF130N10F3 Datasheet HTML 4Page - STMicroelectronics STF130N10F3 Datasheet HTML 5Page - STMicroelectronics STF130N10F3 Datasheet HTML 6Page - STMicroelectronics STF130N10F3 Datasheet HTML 7Page - STMicroelectronics STF130N10F3 Datasheet HTML 8Page - STMicroelectronics STF130N10F3 Datasheet HTML 9Page - STMicroelectronics STF130N10F3 Datasheet HTML 10Page - STMicroelectronics STF130N10F3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STF130N10F3, STFI130N10F3, STH130N10F3-2, STP130N10F3
Electrical characteristics
Doc ID 018492 Rev 3
7/23
Figure 8.
Static drain-source on-resistance
for TO-220FP and I²PAKFP
Figure 9.
Static drain-source on-resistance
for H²PAK-2
Figure 10.
Static drain-source on-resistance
for TO-220
Figure 11.
Normalized BVDSS vs temperature
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Capacitance variations
RDS(on)
8.0
7.5
7.0
6.5
20
ID(A)
(m
Ω)
10
30
8.5
9.0
9.5
VGS=10V
40
515
25
3545
AM11310v1
RDS(on)
8.0
7.5
7.0
6.5
0
40
ID(A)
(m
Ω)
20
60
8.5
9.0
9.5
10.0
VGS=10V
100
80
120
AM11309v1
RDS(on)
8.0
7.5
7.0
6.5
0
40
ID(A)
(m
Ω)
20
60
8.5
9.0
9.5
10.0
VGS=10V
100
80
120
AM11308v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
175
ID=250µA
AM11318v1
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
VDD=50V
ID=120A
30
12
50
40
60
70
AM11311v1
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
10000
Ciss
Coss
Crss
100
f = 1 MHz
AM11312v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com