Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH20L03C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH20L03C
Description  High frequency secondary rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20L03C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH20L03C Datasheet HTML 1Page - STMicroelectronics STTH20L03C Datasheet HTML 2Page - STMicroelectronics STTH20L03C Datasheet HTML 3Page - STMicroelectronics STTH20L03C Datasheet HTML 4Page - STMicroelectronics STTH20L03C Datasheet HTML 5Page - STMicroelectronics STTH20L03C Datasheet HTML 6Page - STMicroelectronics STTH20L03C Datasheet HTML 7Page - STMicroelectronics STTH20L03C Datasheet HTML 8Page - STMicroelectronics STTH20L03C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
June 2012
Doc ID 023115 Rev 1
1/9
9
STTH20L03C
High frequency secondary rectifier
Datasheet
production data
Features
Ultrafast, soft and noise-free recovery
Low forward voltage drop
Description
Dual center tap fast recovery epitaxial diodes
suited for switch mode power supply and high
frequency DC/DC converters.
Packaged in TO-220AB or D2PAK, this device is
especially intended for secondary rectification
inside SMPS with high space and power-density.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
300 V
Tj
-40 to +175 °C
VF(max)
0.95 V
trr (typ)
26 ns
A1
A2
K
A1
K
A2
A1
K
A2
TO-220AB
STTH20L03CT
D2PAK
STTH20L03CG
www.st.com


Similar Part No. - STTH20L03C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20L03C STMICROELECTRONICS-STTH20L03C Datasheet
561Kb / 13P
High frequency secondary rectifier
07-Oct-2016
logo
Inchange Semiconductor ...
STTH20L03CG ISC-STTH20L03CG Datasheet
316Kb / 2P
Ultra fast Rectifier
logo
STMicroelectronics
STTH20L03CG-TR STMICROELECTRONICS-STTH20L03CG-TR Datasheet
561Kb / 13P
High frequency secondary rectifier
07-Oct-2016
logo
Inchange Semiconductor ...
STTH20L03CT ISC-STTH20L03CT Datasheet
282Kb / 2P
Ultrafast Rectifier
logo
STMicroelectronics
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
561Kb / 13P
High frequency secondary rectifier
07-Oct-2016
More results

Similar Description - STTH20L03C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
logo
Inchange Semiconductor ...
STTH2003CT ISC-STTH2003CT Datasheet
271Kb / 2P
Hight frequency secondary rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com