Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW20N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW20N95K5
Description  N-channel 950 V, 0.275 Ω, 17.5 A SuperMESH 5™ Power MOSFET in D²PAK, TO-220FP, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW20N95K5 Datasheet HTML 3Page - STMicroelectronics STW20N95K5 Datasheet HTML 4Page - STMicroelectronics STW20N95K5 Datasheet HTML 5Page - STMicroelectronics STW20N95K5 Datasheet HTML 6Page - STMicroelectronics STW20N95K5 Datasheet HTML 7Page - STMicroelectronics STW20N95K5 Datasheet HTML 8Page - STMicroelectronics STW20N95K5 Datasheet HTML 9Page - STMicroelectronics STW20N95K5 Datasheet HTML 10Page - STMicroelectronics STW20N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STB20N95K5, STF20N95K5, STP20N95K5, STW20N95K5
Electrical characteristics
Doc ID 16825 Rev 4
7/20
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
25
20
25
5V
6V
7V
VGS=10V
30
8V
AM11185v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
20
25
VDS=15V
10
30
35
40
AM11186v1
VGS
6
4
2
0
0
Qg(nC)
(V)
30
8
10
20
10
VDD=760V
ID=9A
40
12
600
400
200
0
800
VDS
Qg
VDS(V)
AM11187v1
RDS(on)
0.29
0.28
0.27
0.26
0
6
ID(A)
(
Ω)
2
10
VGS=10V
14
18
AM11188v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM11189v1
Eoss
1.5
1.0
0.5
0
0
100
VDS(V)
(µJ)
400
2.0
200
300
2.5
3.0
500
3.5
4.0
4.5
AM11190v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com