Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB20N95K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB20N95K5
Description  N-channel 950 V, 0.275 Ω, 17.5 A SuperMESH 5™ Power MOSFET in D²PAK, TO-220FP, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20N95K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STB20N95K5 Datasheet HTML 1Page - STMicroelectronics STB20N95K5 Datasheet HTML 2Page - STMicroelectronics STB20N95K5 Datasheet HTML 3Page - STMicroelectronics STB20N95K5 Datasheet HTML 4Page - STMicroelectronics STB20N95K5 Datasheet HTML 5Page - STMicroelectronics STB20N95K5 Datasheet HTML 6Page - STMicroelectronics STB20N95K5 Datasheet HTML 7Page - STMicroelectronics STB20N95K5 Datasheet HTML 8Page - STMicroelectronics STB20N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STB20N95K5, STF20N95K5, STP20N95K5, STW20N95K5
Electrical characteristics
Doc ID 16825 Rev 4
5/20
The built-in-back Zener diodes have specifically been designed to enhance not only the
device’s ESD capability, but also to make them safely absorb possible voltage transients that
may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 475 V, ID = 9 A,
RG=4.7 Ω, VGS=10 V
(see Figure 21)
-
17
12
70
20
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
-
17.5
70
mA
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 17.5 A, VGS=0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 17.5 A, VDD= 60 V
di/dt = 100 A/µs,
(see Figure 20)
-
530
12
44
ns
μC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 17.5 A,VDD= 60 V
di/dt=100 A/µs,
Tj=150 °C(see
Figure 20)
-
650
14
44
ns
μC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO Gate-source breakdown voltage Igs ± 1mA, (ID= 0)
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com