Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC0913 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0913 Datasheet(HTML) 7 Page - Motorola, Inc

  MRFIC0913 Datasheet HTML 1Page - Motorola, Inc MRFIC0913 Datasheet HTML 2Page - Motorola, Inc MRFIC0913 Datasheet HTML 3Page - Motorola, Inc MRFIC0913 Datasheet HTML 4Page - Motorola, Inc MRFIC0913 Datasheet HTML 5Page - Motorola, Inc MRFIC0913 Datasheet HTML 6Page - Motorola, Inc MRFIC0913 Datasheet HTML 7Page - Motorola, Inc MRFIC0913 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MRFIC0913
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 978–02
ISSUE A
DIM
MIN
MAX
MILLIMETERS
A
2.000
2.350
A1
0.025
0.152
A2
1.950
2.100
D
6.950
7.100
D1
4.372
5.180
E
8.850
9.150
E1
6.950
7.100
E2
4.372
5.180
L
0.466
0.720
L1
0.250 BSC
b
0.300
0.432
b1
0.300
0.375
c
0.180
0.279
c1
0.180
0.230
e
0.800 BSC
h
–––
0.600
q
0
7
aaa
0.200
bbb
0.200
ccc
0.100
NOTES:
1.
CONTROLLING DIMENSION: MILLIMETER.
2.
DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3.
DATUM PLANE –H– IS LOCATED AT BOTTOM
OF LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4.
DIMENSIONS D AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE PROTRUSION
IS 0.250 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –H–.
5.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION IS 0.127 TOTAL IN EXCESS OF THE
b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6.
DATUMS –A– AND –B– TO BE DETERMINED AT
DATUM PLANE –H–.
BOTTOM VIEW
D1
E2
16
9
8
1
__
S
B
M
bbb
C
D
X 45
_
h
E1
8X
E
A2
A
SEATING
PLANE
DATUM
PLANE
DETAIL Y
GAUGE
PLANE
1.000
L
W
W
0.039
A1
ccc C
DETAIL Y
SECT W–W
c
c1
b1
b
S
A
M
aaa
C
q
A
B
H
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com