Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPDV1240RG Datasheet(PDF) 2 Page - STMicroelectronics

Part # TPDV1240RG
Description  40 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV1240RG Datasheet(HTML) 2 Page - STMicroelectronics

  TPDV1240RG Datasheet HTML 1Page - STMicroelectronics TPDV1240RG Datasheet HTML 2Page - STMicroelectronics TPDV1240RG Datasheet HTML 3Page - STMicroelectronics TPDV1240RG Datasheet HTML 4Page - STMicroelectronics TPDV1240RG Datasheet HTML 5Page - STMicroelectronics TPDV1240RG Datasheet HTML 6Page - STMicroelectronics TPDV1240RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
TPDVxx40
2/7
Doc ID 18270 Rev 1
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (180° conduction angle)
Tc = 75 °C
40
A
ITSM
Non repetitive surge peak on-state
current
tp = 2.5 ms
Tj = 25 °C
590
A
tp = 8.3 ms
370
tp = 10 ms
350
I2tI2t value for fusing
tp = 10 ms
Tj = 25 °C
610
A2S
dI/dt
Critical rate of rise of on-state current
IG = 500 mA , dIG/dt = 1 A/µs
Repetitive F = 50 Hz
20
A/µs
Non repetitive
100
VDRM
VRRM
Repetitive peak off-state voltage
TPDV640
Tj = 125 °C
600
V
TPDV840
800
TPDV1240
1200
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
TL
Maximum lead temperature for soldering during 10s at 2mm from case
260
°C
VINS(RMS)
(1)
Insulation rms voltage
2500
V
1.
A1, A2, gate terminals to case for 1 minute
Table 3.
Electrical Characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
VD = 12 V DC, RL = 33 Ω
I - II - III
MAX.
200
mA
VGT
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125 °C
I - II - III
MIN.
0.2
V
tgt
VD = VDRM IG = 500 mA dIG/dt = 3 A/µs
I - II - III
TYP.
2.5
µs
IH
(1)
IT = 500 mA Gate open
MAX.
50
mA
IL
IG = 1.2 x IGT
I - III
TYP.
100
mA
II
200
dV/dt
Linear slope up to:
VD = 67 % VDRM Gate open
Tj = 125 °C
MIN.
500
V/µs
VTM
(1)
ITM = 35 A tp = 380 µs
MAX.
1.8
V
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
8
mA
(dI/dt)c (1)
(dV/dt)c = 200 V/µs
Tj = 125 °C
MIN.
35
A/ms
(dV/dt)c = 10 V/µs
142
1.
For either polarity of electrode A2 voltage with reference to electrode A1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com