Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV521A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV521A
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV521A Datasheet HTML 8Page - STMicroelectronics TSV521A Datasheet HTML 9Page - STMicroelectronics TSV521A Datasheet HTML 10Page - STMicroelectronics TSV521A Datasheet HTML 11Page - STMicroelectronics TSV521A Datasheet HTML 12Page - STMicroelectronics TSV521A Datasheet HTML 13Page - STMicroelectronics TSV521A Datasheet HTML 14Page - STMicroelectronics TSV521A Datasheet HTML 15Page - STMicroelectronics TSV521A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristics
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
12/27
Doc ID 022743 Rev 1
Figure 20.
Output impedance versus frequency in closed-loop configuration
Figure 21.
Response to a 100 mV input step
for gain = 1 at VCC =5.5 V rising
edge
Figure 22.
Response to a 100 mV input step
for gain = 1 at VCC = 5.5 V falling
edge
VCC = 5.5 V, Vicm = 2.75 V
RL = 10 kΩ, CL = 100 pF
0.5 µs/div., 20 mV/div.
VCC = 5.5 V, Vicm = 2.75 V
RL = 10 kΩ, CL = 100 pF
0.5 µs/div., 20 mV/div.
Figure 23.
PSRR vs. frequency at VCC = 2.7 V
Figure 24.
PSRR vs. frequency at VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com