Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LCV1024T-IP Datasheet(PDF) 15 Page - Microchip Technology

Part # 23LCV1024T-IP
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024T-IP Datasheet(HTML) 15 Page - Microchip Technology

Back Button 23LCV1024T-IP Datasheet HTML 11Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 12Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 13Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 14Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 15Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 16Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 17Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 18Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25156A-page 15
23LCV1024
5.0
VBAT
The 23LCV1024 features an internal switch that will
maintain the SRAM contents. In the event that the VCC
supply is not available, the voltage applied to the VBAT
pin serves as the backup supply.
The VBAT trip point is the point at which the internal
switch operates the device from the VBAT supply and
is typically 1.8V (VTRIP specification D012). When VCC
falls below the VTRIP point the system will continue to
maintain the SRAM contents.
The following conditions apply:
Supply Condition
Read/Write Access
Powered By
VCC < VTRIP, VCC < VBAT
No
VBAT
VCC > VTRIP, VCC < VBAT
Yes
VCC
VCC > VTRIP, VCC > VBAT
Yes
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com