Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1803604 Datasheet(PDF) 2 Page - Microchip Technology

Part # 1803604
Description  plug-in direction parallel to the conductor axis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1803604 Datasheet(HTML) 2 Page - Microchip Technology

  1803604 Datasheet HTML 1Page - Microchip Technology 1803604 Datasheet HTML 2Page - Microchip Technology 1803604 Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Module no:1840366 LabelId:1840366 Operator:Phoenix
16:39:48, Donnerstag, 28. Juni 2001
12
13
14
15
16
17
18
19
20
41.91
45.72
49.53
53.34
57.15
60.96
64.77
68.58
72.39
MC 1,5/12-ST-3,81
MC 1,5/13-ST-3,81
MC 1,5/14-ST-3,81
MC 1,5/15-ST-3,81
MC 1,5/16-ST-3,81
MC 1,5/17-ST-3,81
MC 1,5/18-ST-3,81
MC 1,5/19-ST-3,81
MC 1,5/20-ST-3,81
18 03 67 5
18 03 68 8
18 03 69 1
18 03 70 1
18 03 71 4
18 40 32 4
18 40 33 7
18 40 34 0
18 40 35 3
Accessories
(1) Screwdriver,
blade: 0.4 x 2.5 x 80 mm,
length: 160 mm
(2) Marker card, with 14 pcs.,
10-section marker strips, white,
self-adhesive, for 140 terminal blocks
SZS 0,4 x 2,5
SK 3,5/2,8 or SK 3,81/2,8(see info 1, info 2)
12 05 03 7
10
Technical data
Dimensions
Pitch
Technical data in accordance with IEC / DIN VDE
Insulation material group
Surge voltage category / contamination class
Rated voltage
Rated surge voltage
Nominal current / cross section
Maximum load current / cross
section
Connection capacity
solid / stranded / conductor sizes
stranded with ferrules without / with plastic
collar
Multiple connection (2 conductors with same cross
section)
solid / stranded
stranded with ferrules without plastic collar
stranded with TWIN ferrules with plastic
collar
Stripping length
Internal cylindrical gage (IEC 947-1:1988)
Thread
Torque
Insulation material
Inflammability class acc. to UL 94
Temperature indices RTI/Ti
Approval data (UL and CSA)
Ni l
lt
/
t /
[mm
2]/[mm2]/AWG
UL [V] / [A] / AWG
[mm]
–
–/–
[V]
[kV]
[A]/[mm
2]
[A]/[mm
2]
[mm
2]
[mm
2]
[mm
2]
[mm
2]
[mm]
–
–
[Nm]
see description
3.5 / 3.81
III / 3
160
2.5
8 / 1.5
8 / 1.5
0.14 - 1.5 / 0.14 - 1.5 / 28 - 16
0.25 - 1.5 / 0.25 - 0.5
0.14 - 0.5 / 0.14 - 0.75
0.25 - 0.34
0.5
0.22 - 0.25
125/100
300/8/30 14
I
III / 2
160
2.5
7
A 1
M 2
PA
V2
II / 2
320
2.5
Phoenix Contact Elektronischer Katalog
Page 2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com