Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ09GS302 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ09GS302
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ09GS302 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ09GS302 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ09GS302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 16-bit Embedded Control Solutions
High Performance CPU
■ Single cycle execution (most instructions)
■ C compiler optimized instruction set
■ 16-bit wide data path
■ 76 base instructions: mostly 1 word/1 cycle
■ 16, 16-bit general purpose registers
■ Software stack
■ 16 × 16 signed fractional/integer
multiplier
■ 32/16 and 16/16 divide
■ 40-stage barrel shifter
■ DSC additions:
•    Adds 8 base DSP instructions
•    Two 40-bit accumulators with
rounding and saturation options
•    Single core combines MCU and
DSP features
•    Adds Modulo and Bit-reverse
address modes
■ Up to 15 DMA channels between RAM
and peripherals
System Management
■ Flexible clock options:
•    Primary external clock,
crystal, resonator
•    Secondary lower power
32 kHz oscillator
•    Internal RC: fast or low power
•    Integrated low jitter PLL (PLL sourced
by ext. and int. clock sources)
■ Programmable power-up timer
■ Oscillator start-up timer/stabilizer
■ Watchdog timer with its own RC oscillator
■ Clock switching/fail-safe clock monitor
■ Support for 3V and 5V applications
■ Flexible temperature ranges
•    −40 to 85°C industrial temp.
•    −40 to 125°C extended temp.
•    −40 to 150°C high temp.
Interrupt Controller
■ 5 cycle fixed latency
■ Up to 118 interrupt sources,
up to 5 external
■ 7 programmable priority levels
■ 4 processor exceptions and
software traps
■ Vectored interrupts
Power Management
■ Switch between clock sources in real-time
■ Programmable power-on reset start up
■ Programmable high/Low-voltage
detect (HLVD)
■ Programmable brown-out reset
■ Idle, sleep and deep sleep modes with
fast wake up
■ Vbat for battery backup with RTCC
16-bit Microcontroller (MCU) Portfolio
Are costs, performance, low power and smaller packages
important considerations for your next design?
PIC24 MCUs offer a variety of peripherals, memory sizes
and packaging choices. The 16 MIPS PIC24F family is
designed for low power applications. The 40/70 MIPS
PIC24H/E MCUs are designed for high performance
applications. Both families have the same instruction
set, share basic peripherals, have common pinouts and
use the same tools for development. The PIC24 families
are compatible with dsPIC DSCs for easy migration when
additional performance or DSP capability is required.
PIC24F: Lowest Power 16-bit MCUs
With 16 MIPS performance and an extensive peripheral
set, including a graphics controller, USB Device/Embedded
Host/OTG and capacitive touch sense interface,
the PIC24F MCUs are cost-effective and low power
applications. Serial communication peripherals include up
to 4 UARTs, 3 SPI and 3 I2C™. With the introduction of XLP
Technology, select PIC24F devices have industry leading
low power performance with sleep numbers as low as
10 nA and RTCC operation down to 400 nA.
PIC24E: Highest Performance 16-bit MCUs
PIC24 devices offer up to 70 MIPS performance with
a combination of large memory and a wide variety of
package options. They also includes large Flash in smaller
packages (5 × 5 mm). The built-in peripherals include high
performance 12-bit ADC and general purpose and motor
control 16-bit PWMs. Communication peripherals include
up to 2 CAN modules, 4 UARTs (with IrDA support), 4
SPI, 2 I2C and USB Device/Embedded Host/OTG. High
performance 16 channel Direct Memory Access (DMA)
provides better data handling capability optimizing CPU
throughput. AEC-Q100-qualified extended (125°C) and
high-temperature (150°C) options for industrial and
automotive applications are available.
Leading 16-bit Performance and Features
16-bit Digital Signal Controller (DSC) Portfolio
Does your embedded control application demand performance
for advanced motor control, digital power, speech and audio
processing? Do you want to implement digital filters and FFT
algorithms for signal analysis?
dsPIC DSCs offer innovative peripherals and required
performance to meet these needs. Our dsPIC family is a
100% PIC MCU with enhanced math capabilities. dsPIC
DSCs blend the performance of DSP with the simplicity of
an MCU.
dsPIC33: Highest Performance 16-bit MCU
with Integrated DSP
The dsPIC33 core is designed to execute and control
the high speed precision digital control loops and
digital processing up to 70 MIPS. The optimized motor
control and digital power conversion peripherals include
the highest performance ADC, PWMs, and analog
comparators. A wide variety of memory and package
options, communication peripherals, 15 channel DMA
and general purpose peripherals provide flexibility to
your high performance embedded control designs. AEC-
Q100-qualified extended and high-temperature options for
industrial and automotive applications are available.
Example dsPIC®DSP Performance
Function
Conditions*
Execution Time
@70 MIPS
Vector Dot Product
N = 32
1.7 μs
Matrix Add
C = 8, R = 8
3.1 μs
Matrix Transpose
C = 8, R = 8
3.4 μs
Block IIR Canonic
N = 32, S = 4
17.0 μs
Block FIR
N = 32 M = 32
17.5 μs
Complex FFT**
N = 64
55.6 μs
*C = # columns, N = # samples, M = # taps, S = # sections, R = # rows
**Complex FFT routine inherently prevents overflow.
1 cycle = 14.29 nanoseconds @ 70 MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com