| Electronic Components Datasheet Search |
|
DM240011 Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM240011 Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 20 page ![]() 16 16-bit Embedded Control Solutions Embedded Control Software & Techniques Software Encryption Libraries Implement reliable security for embedded applications. The encryption library features the symmetric key encryption/decryption functions Advanced Encryption Standard (AES) and Triple-Data Encryption Algorithm (Triple- DES). These algorithms are also recommended by most Internet Engineering Task Force (IETF), Federal Information Processing Standards (FIPS) and IPSec standards. (Application Note: AN1044) File System for PIC18, PIC24, PIC32 MCUs and dsPIC DSCs Microchip’s memory disk drive file system interface library brings the ability to transfer and share portable memory devices between an embedded system and a personal computer. Most SD cards, CF cards and MMCs MultiMedia Cards, particularly those sized below 2 gigabytes (GB), use the FAT16 standard. The FAT32 standard can be used to address memory sized between 2 GB and 2 terabytes (TB). This library with complimentary application note (AN1045) provides a method to read and/or write to these storage devices through a microcontroller. The data of these storage devices can be read by a PC, and the data written by a PC can be read by a microcontroller. Most operating systems support the FAT16 and FAT32 file systems. Cyclic Redundancy Check (CRC) Module CRC is one of the most versatile error checking algorithm used in various digital communication systems. This application note illustrates how to use the hardware CRC module on selected 16-bit MCUs and DSCs. Users can program any user-defined generator polynomial into this module for CRC computation. (AN1148) PMBus Stack Microchip’s PMBus stack implements the PMBus protocol over the traditional I2C™ communication interface for dsPIC SMPS Digital Signal Controllers from “GS” family and mid-range PIC microcontrollers from the PIC16F88X family. Methods Emulating Data EEPROM for PIC18 and PIC24 MCUs, dsPIC DSCs and PIC32 For devices that do not have on-chip EEPROM, emulating EEPROM with on-chip Flash memory my be an important option. This application note presents an interface similar to an internal data EEPROM, but uses available on-chip Flash memory to improve endurance by a factor as high as 500. (Application Note: AN1095) Achieving Higher ADC Resolution Using Oversampling This application note describes oversampling as a method to add additional bits of accuracy to the 12-bit ADC conversion in a dsPIC DSC. (AN1152) Bootloaders Two App Notes exist to help customers develop UART- based bootloaders for PIC24 MCU and dsPIC DSC products. First, AN1094 describes a UART-based bootloader with command line interface. Next, AN1157 focuses on the PIC24F family and also includes the PIC24F Quick Programmer (P24QP) Windows-based graphical programming interface (GUI). VDE Certified Class B Safety Library Microchip’s certified class B library contains routines that detect the occurrence of faults in a single channel CPU. These routines have been developed in accordance with the IEC 60730 standard to support the Class B certification process (AN1229). www.microchip.com/16-bit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |