Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1047A Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1047A
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047A Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1047A Datasheet HTML 4Page - Microchip Technology TC1047A Datasheet HTML 5Page - Microchip Technology TC1047A Datasheet HTML 6Page - Microchip Technology TC1047A Datasheet HTML 7Page - Microchip Technology TC1047A Datasheet HTML 8Page - Microchip Technology TC1047A Datasheet HTML 9Page - Microchip Technology TC1047A Datasheet HTML 10Page - Microchip Technology TC1047A Datasheet HTML 11Page - Microchip Technology TC1047A Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2005 Microchip Technology Inc.
DS21498C-page 9
TC1047/TC1047A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1047:
Precision Temp-to-Voltage Converter
TC1047xTR: Precision Temp-to-Voltage Converter
(Tape and Reel)
Temperature Range:
V =
-40°C to +125°C
Package:
NB = Plastic Small Outline Transistor, SOT-23B, 3-lead
PART NO.
X
Temperature
Device
Examples:
a)
TC1047VNBTR:
Precision Temp-to-Volt-
age Converter
b)
TC1047AVNBTR:
Precision Temp-to-Volt-
age Converter
Range
XX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com