Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 223 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 223 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 219Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 220Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 221Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 222Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 223Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 224Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 225Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 226Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 223
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
19.3
Modes of Operation
The ECAN module can operate in one of several
operation modes selected by the user. These modes
include:
• Initialization mode
• Disable mode
• Normal Operation mode
• Listen Only mode
• Listen All Messages mode
• Loopback mode
Modes are requested by setting the REQOP<2:0> bits
(CiCTRL1<10:8>). Entry into a mode is Acknowledged
by
monitoring
the
OPMODE<2:0>
bits
(CiCTRL1<7:5>). The module does not change the
mode and the OPMODE bits until a change in mode is
acceptable, generally during bus Idle time, which is
defined as at least 11 consecutive recessive bits.
19.3.1
INITIALIZATION MODE
In the Initialization mode, the module does not transmit
or receive. The error counters are cleared and the inter-
rupt flags remain unchanged. The user application has
access to Configuration registers that are access
restricted in other modes. The module protects the user
from accidentally violating the CAN protocol through
programming errors. All registers which control the
configuration of the module can not be modified while
the module is on-line. The ECAN module is not allowed
to enter the Configuration mode while a transmission is
taking place. The Configuration mode serves as a lock
to protect the following registers:
• All Module Control registers
• Baud Rate and Interrupt Configuration registers
• Bus Timing registers
• Identifier Acceptance Filter registers
• Identifier Acceptance Mask registers
19.3.2
DISABLE MODE
In Disable mode, the module does not transmit or
receive. The module has the ability to set the WAKIF bit
due to bus activity, however, any pending interrupts
remains and the error counters retains their value.
If the REQOP<2:0> bits (CiCTRL1<10:8>) = 001, the
module enters the Module Disable mode. If the module is
active, the module waits for 11 recessive bits on the CAN
bus, detect that condition as an Idle bus, then accept the
module disable command. When the OPMODE<2:0>
bits (CiCTRL1<7:5>) = 001, that indicates whether the
module successfully went into Module Disable mode.
The I/O pins reverts to normal I/O function when the
module is in the Module Disable mode.
The module can be programmed to apply a low-pass
filter function to the CiRX input line while the module or
the CPU is in Sleep mode. The WAKFIL bit
(CiCFG2<14>) enables or disables the filter.
19.3.3
NORMAL OPERATION MODE
Normal
Operation
mode
is
selected
when
REQOP<2:0> = 000. In this mode, the module is
activated and the I/O pins assumes the CAN bus
functions. The module transmits and receive CAN bus
messages via the CiTX and CiRX pins.
19.3.4
LISTEN ONLY MODE
If the Listen Only mode is activated, the module on the
CAN bus is passive. The transmitter buffers revert to
the port I/O function. The receive pins remain inputs.
For the receiver, no error flags or Acknowledge signals
are sent. The error counters are deactivated in this
state. The Listen Only mode can be used for detecting
the baud rate on the CAN bus. To use this, it is neces-
sary that there are at least two further nodes that
communicate with each other.
19.3.5
LISTEN ALL MESSAGES MODE
The module can be set to ignore all errors and receive
any message. The Listen All Messages mode is acti-
vated by setting REQOP<2:0> = ‘111’. In this mode,
the data which is in the message assembly buffer, until
the time an error occurred, is copied in the receive buf-
fer and can be read via the CPU interface.
19.3.6
LOOPBACK MODE
If the Loopback mode is activated, the module con-
nects the internal transmit signal to the internal receive
signal at the module boundary. The transmit and
receive pins revert to their port I/O function.
Note:
Typically, if the ECAN module is allowed to
transmit in a particular mode of operation
and a transmission is requested immedi-
ately after the ECAN module has been
placed in that mode of operation, the mod-
ule waits for 11 consecutive recessive bits
on the bus before starting transmission. If
the user switches to Disable mode within
this 11-bit period, then this transmission is
aborted and the corresponding TXABT bit
is set and TXREQ bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com