Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 14Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 18
Preliminary
 2009 Microchip Technology Inc.
SCL1
SDA1
ASCL1
ASDA1
I/O
I/O
I/O
I/O
ST
ST
ST
ST
No
No
No
No
Synchronous serial clock input/output for I2C1.
Synchronous serial data input/output for I2C1.
Alternate synchronous serial clock input/output for I2C1.
Alternate synchronous serial data input/output for I2C1.
TMS
TCK
TDI
TDO
I
I
I
O
ST
ST
ST
—
No
No
No
No
JTAG Test mode select pin.
JTAG test clock input pin.
JTAG test data input pin.
JTAG test data output pin.
C1RX
C1TX
I
O
ST
—
Yes
Yes
ECAN1 bus receive pin.
ECAN1 bus transmit pin.
RTCC
O
—
No
Real-Time Clock Alarm Output.
CVREF
O
ANA
No
Comparator Voltage Reference Output.
C1IN-
C1IN+
C1OUT
I
I
O
ANA
ANA
—
No
No
Yes
Comparator 1 Negative Input.
Comparator 1 Positive Input.
Comparator 1 Output.
C2IN-
C2IN+
C2OUT
I
I
O
ANA
ANA
—
No
No
Yes
Comparator 2 Negative Input.
Comparator 2 Positive Input.
Comparator 2 Output.
PMA0
PMA1
PMA2 -PMPA10
PMBE
PMCS1
PMD0-PMPD7
PMRD
PMWR
I/O
I/O
O
O
O
I/O
O
O
TTL/ST
TTL/ST
—
—
—
TTL/ST
—
—
No
No
No
No
No
No
No
No
Parallel Master Port Address Bit 0 Input (Buffered Slave modes) and
Output (Master modes).
Parallel Master Port Address Bit 1 Input (Buffered Slave modes) and
Output (Master modes).
Parallel Master Port Address (Demultiplexed Master Modes).
Parallel Master Port Byte Enable Strobe.
Parallel Master Port Chip Select 1 Strobe.
Parallel Master Port Data (Demultiplexed Master mode) or Address/
Data (Multiplexed Master modes).
Parallel Master Port Read Strobe.
Parallel Master Port Write Strobe.
DAC1RN
DAC1RP
DAC1RM
O
O
O
—
—
—
No
No
No
DAC1 Right Channel Negative Output.
DAC1 Right Channel Positive Output.
DAC1 Right Channel Middle Point Value (typically 1.65V).
DAC1LN
DAC1LP
DAC1LM
O
O
O
—
—
—
No
No
No
DAC1 Left Channel Negative Output.
DAC1 Left Channel Positive Output.
DAC1 Left Channel Middle Point Value (typically 1.65V).
COFS
I/O
ST
Yes
Data Converter Interface frame synchronization pin.
CSCK
I/O
ST
Yes
Data Converter Interface serial clock input/output pin.
CSDI
I
ST
Yes
Data Converter Interface serial data input pin
CSDO
O
—
Yes
Data Converter Interface serial data output pin.
PGWD1
PGEC1
PGWD2
PGEC2
PGWD3
PGEC3
I/O
I
I/O
I
I/O
I
ST
ST
ST
ST
ST
ST
No
No
No
No
No
No
Data I/O pin for programming/debugging communication channel 1.
Clock input pin for programming/debugging communication channel 1.
Data I/O pin for programming/debugging communication channel 2.
Clock input pin for programming/debugging communication channel 2.
Data I/O pin for programming/debugging communication channel 3.
Clock input pin for programming/debugging communication channel 3.
MCLR
I/P
ST
No
Master Clear (Reset) input. This pin is an active-low Reset to the
device.
AVDD
P
P
No
Positive supply for analog modules. This pin must be connected at all
times.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
PPS
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
PPS = Peripheral Pin Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com