Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 267 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 267 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 263Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 264Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 265Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 266Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 267Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 269Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 270Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 267
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
REGISTER 22-1:
DAC1CON: DAC CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
DACEN
—
DACSIDL
AMPON
—
—
—FORM
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—DACFDIV<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
DACEN: DAC1 Enable bit
1
= Enables module
0
= Disables module
bit 14
Unimplemented: Read as ‘0’
bit 13
DACSIDL: Stop in Ideal Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
AMPON: Enable Analog Output Amplifier in Sleep Mode/Stop-in Idle Mode
1
= Analog Output Amplifier is enabled during Sleep Mode/Stop-in Idle mode
0
= Analog Output Amplifier is disabled during Sleep Mode/Stop-in Idle mode
bit 11-9
Unimplemented: Read as ‘0’
bit 8
FORM: Data Format Select bit
1
= Signed integer
0 = Unsigned integer
bit 7
Unimplemented: Read as ‘0’
bit 6-0
DACFDIV<6:0>: DAC Clock Divider
1111111
= Divide input clock by 128
•
•
•
0000101
= Divide input clock by 6 (default)
•
•
•
0000010
= Divide input clock by 3
0000001
= Divide input clock by 2
0000000
= Divide input clock by 1 (no divide)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com