Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 272 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 272 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 269Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 270Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 271Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 272Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 275Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 272
Preliminary
 2009 Microchip Technology Inc.
REGISTER 23-1:
CMCON: COMPARATOR CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CMIDL
—
C2EVT
C1EVT
C2EN
C1EN
C2OUTEN(1) C1OUTEN(2)
bit 15
bit 8
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C2INV
C1INV
C2NEG
C2POS
C1NEG
C1POS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMIDL: Stop in Idle Mode
1
= When device enters Idle mode, module does not generate interrupts. Module is still enabled.
0
= Continue normal module operation in Idle mode
bit 14
Unimplemented: Read as ‘0’
bit 13
C2EVT: Comparator 2 Event
1
= Comparator output changed states
0
= Comparator output did not change states
bit 12
C1EVT: Comparator 1 Event
1
= Comparator output changed states
0
= Comparator output did not change states
bit 11
C2EN: Comparator 2 Enable
1
= Comparator is enabled
0
= Comparator is disabled
bit 10
C1EN: Comparator 1 Enable
1
= Comparator is enabled
0
= Comparator is disabled
bit 9
C2OUTEN: Comparator 2 Output Enable(1)
1
= Comparator output is driven on the output pad
0
= Comparator output is not driven on the output pad
bit 8
C1OUTEN: Comparator 1 Output Enable(2)
1
= Comparator output is driven on the output pad
0
= Comparator output is not driven on the output pad
bit 7
C2OUT: Comparator 2 Output bit
When C2INV = 0:
1
=C2 VIN+ > C2 VIN-
0
=C2 VIN+ < C2 VIN-
When C2INV = 1:
0
=C2 VIN+ > C2 VIN-
1
=C2 VIN+ < C2 VIN-
Note 1: If C2OUTEN = 1, the C2OUT peripheral output must be configured to an available RPx pin. See
Section 11.6 “Peripheral Pin Select” for more information.
2: If C1OUTEN = 1, the C1OUT peripheral output must be configured to an available RPx pin. See
Section 11.6 “Peripheral Pin Select” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com