Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 288 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 288 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 284Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 285Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 286Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 287Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 288Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 289Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 290Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 291Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 288
Preliminary
 2009 Microchip Technology Inc.
FIGURE 25-2:
CRC GENERATOR RECONFIGURED FOR x16 + x12 + x5 + 1
25.2
User Interface
25.2.1
DATA INTERFACE
To start serial shifting, a ‘1’ must be written to the
CRCGO bit.
The module incorporates a FIFO that is 8 deep when
PLEN (PLEN<3:0>) > 7, and 16 deep, otherwise. The
data for which the CRC is to be calculated must first be
written into the FIFO. The smallest data element that
can be written into the FIFO is one byte. For example,
if PLEN = 5, then the size of the data is PLEN + 1 = 6.
The data must be written as follows:
data[5:0] = crc_input[5:0]
data[7:6] = ‘bxx
Once data is written into the CRCWDAT MSb (as
defined
by
PLEN),
the
value
of
VWORD
(VWORD<4:0>) increments by one. The serial shifter
starts shifting data into the CRC engine when
CRCGO = 1 and VWORD > 0. When the MSb is
shifted out, VWORD decrements by one. The serial
shifter continues shifting until the VWORD reaches 0.
Therefore, for a given value of PLEN, it will take
(PLEN + 1) * VWORD number of clock cycles to
complete the CRC calculations.
When VWORD reaches 8 (or 16), the CRCFUL bit will
be set. When VWORD reaches 0, the CRCMPT bit will
be set.
To continually feed data into the CRC engine, the rec-
ommended mode of operation is to initially “prime” the
FIFO with a sufficient number of words so no interrupt
is generated before the next word can be written. Once
that is done, start the CRC by setting the CRCGO bit to
‘1’. From that point onward, the VWORD bits should be
polled. If they read less than 8 or 16, another word can
be written into the FIFO.
To empty words already written into a FIFO, the
CRCGO bit must be set to ‘1’ and the CRC shifter
allowed to run until the CRCMPT bit is set.
Also, to get the correct CRC reading, it will be
necessary to wait for the CRCMPT bit to go high before
reading the CRCWDAT register.
If a word is written when the CRCFUL bit is set, the
VWORD Pointer will roll over to 0. The hardware will
then behave as if the FIFO is empty. However, the con-
dition to generate an interrupt will not be met; therefore,
no interrupt will be generated (See Section 25.2.2
“Interrupt Operation”).
At least one instruction cycle must pass after a write to
CRCWDAT before a read of the VWORD bits is done.
25.2.2
INTERRUPT OPERATION
When the VWORD4:VWORD0 bits make a transition
from a value of ‘1’ to ‘0’, an interrupt will be generated.
25.3
Operation in Power Save Modes
25.3.1
SLEEP MODE
If Sleep mode is entered while the module is operating,
the module will be suspended in its current state until
clock execution resumes.
25.3.2
IDLE MODE
To continue full module operation in Idle mode, the
CSIDL bit must be cleared prior to entry into the mode.
If CSIDL = 1, the module will behave the same way as
it does in Sleep mode; pending interrupt events will be
passed on, even though the module clocks are not
available.
D
Q
BIT 0
p_clk
DQ
BIT 4
p_clk
DQ
BIT 5
p_clk
DQ
BIT 12
p_clk
XOR
SDOx
CRC Read Bus
CRC Write Bus
DQ
BIT 15
p_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com