Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 300 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 300 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 296Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 297Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 298Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 299Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 300Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 301Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 302Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 303Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 300
Preliminary
 2009 Microchip Technology Inc.
TABLE 27-2:
dsPIC CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BWRP
FBS
Boot Segment Program Flash Write Protection
1
= Boot segment can be written
0
= Boot segment is write-protected
BSS<2:0>
FBS
Boot Segment Program Flash Code Protection Size
X11
= No Boot program Flash segment
Boot space is 1K Instruction Words (except interrupt vectors)
110
= Standard security; boot program Flash segment ends at
0x0007FE
010
= High security; boot program Flash segment ends at 0x0007FE
Boot space is 4K Instruction Words (except interrupt vectors)
101
= Standard security; boot program Flash segment, ends at
0x001FFE
001
= High security; boot program Flash segment ends at 0x001FFE
Boot space is 8K Instruction Words (except interrupt vectors)
100
= Standard security; boot program Flash segment ends at
0x003FFE
000
= High security; boot program Flash segment ends at 0x003FFE
RBS<1:0>(1)
FBS
Boot Segment RAM Code Protection Size
11
= No Boot RAM defined
10
= Boot RAM is 128 bytes
01
= Boot RAM is 256 bytes
00
= Boot RAM is 1024 bytes
SWRP(1)
FSS(1)
Secure Segment Program Flash Write-Protect bit
1
= Secure Segment can bet written
0
= Secure Segment is write-protected
SSS<2:0>(1)
FSS(1)
Secure Segment Program Flash Code Protection Size
(Secure segment is not implemented on 32K devices)
X11
= No Secure program flash segment
Secure space is 4K IW less BS
110
= Standard security; secure program flash segment starts at End
of BS, ends at 0x001FFE
010
= High security; secure program flash segment starts at End of BS,
ends at 0x001FFE
Secure space is 8K IW less BS
101
= Standard security; secure program flash segment starts at End
of BS, ends at 0x003FFE
001
= High security; secure program flash segment starts at End of BS,
ends at 0x003FFE
Secure space is 16K IW less BS
100
= Standard security; secure program flash segment starts at End
of BS, ends at 007FFEh
000
= High security; secure program flash segment starts at End of BS,
ends at 0x007FFE
RSS<1:0>(1)
FSS(1)
Secure Segment RAM Code Protection
11
= No Secure RAM defined
10
= Secure RAM is 256 Bytes less BS RAM
01
= Secure RAM is 2048 Bytes less BS RAM
00
= Secure RAM is 4096 Bytes less BS RAM
Note 1: This Configuration register is not available on dsPIC33FJ32GP302/304 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com