Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 324 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 324 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 320Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 321Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 322Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 323Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 324Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 325Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 326Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 327Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 324
Preliminary
 2009 Microchip Technology Inc.
TABLE 30-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
19
30
mA
-40°C
3.3V
10 MIPS
DC20a
19
30
mA
+25°C
DC20b
19
30
mA
+85°C
DC20c
19
35
mA
+125°C
DC21d
29
40
mA
-40°C
3.3V
16 MIPS
DC21a
29
40
mA
+25°C
DC21b
28
45
mA
+85°C
DC21c
28
45
mA
+125°C
DC22d
33
50
mA
-40°C
3.3V
20 MIPS
DC22a
33
50
mA
+25°C
DC22b
33
55
mA
+85°C
DC22c
33
55
mA
+125°C
DC23d
47
70
mA
-40°C
3.3V
30 MIPS
DC23a
48
70
mA
+25°C
DC23b
48
70
mA
+85°C
DC23c
48
70
mA
+125°C
DC24d
60
90
mA
-40°C
3.3V
40 MIPS
DC24a
60
90
mA
+25°C
DC24b
60
90
mA
+85°C
DC24c
60
90
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating; however, every peripheral is being clocked (PMD bits
are all zeroed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com