Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 358 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 358 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 354Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 355Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 356Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 357Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 358Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 359Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 360Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 361Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 362Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 358
Preliminary
 2009 Microchip Technology Inc.
TABLE 30-40: ADC CONVERSION (12-BIT MODE) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ(2)
Max.
Units
Conditions
Clock Parameters(1)
AD50
TAD
ADC Clock Period
117.6
—
—
ns
—
AD51
tRC
ADC Internal RC Oscillator
Period
—
250
—
ns
—
Conversion Rate
AD55
tCONV
Conversion Time
—
14 TAD
ns
—
AD56
FCNV
Throughput Rate
—
—
500
ksps
—
AD57
TSAMP
Sample Time
3 TAD
——
—
—
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger(2)
2 TAD
—3 TAD
—
Auto convert trigger not
selected
AD61
tPSS
Sample Start from Setting
Sample (SAMP) bit(2)
2 TAD
—3 TAD
——
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)(2)
—0.5 TAD
——
—
AD63
tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(2,3)
——
20
s—
Note 1:
Because the sample caps eventually loses charge, clock rates below 10 kHz may affect linearity
performance, especially at elevated temperatures.
2:
These parameters are characterized but not tested in manufacturing.
3:
The tDPU is the time required for the ADC module to stabilize at the appropriate level when the module is
turned on (AD1CON1<ADON>=’1’). During this time, the ADC result is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com