Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/ML Datasheet(PDF) 387 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/ML Datasheet(HTML) 387 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/ML Datasheet HTML 383Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 384Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 385Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 386Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 387Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 388Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 389Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 390Page - Microchip Technology DSPIC33FJ32GP302TH/ML Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 387
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
APPENDIX A:
REVISION HISTORY
Revision A (September 2007)
Initial release of this document.
Revision B (March 2008)
This
revision
includes
minor
typographical
and
formatting changes throughout the data sheet text. In
addition, redundant information was removed that is
now available in the respective chapters of the
dsPIC33F/PIC24H Family Reference Manual, which
can
be
obtained
from
the
Microchip
website
(www.microchip.com).
The major changes are referenced by their respective
section in the following table.
TABLE A-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-Bit Digital Signal
Controllers”
Note 1 added to all pin diagrams (see “Pin Diagrams”).
Add External Interrupts column and Note 3 to the
“dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, and
dsPIC33FJ128GPX02/X04 Controller Families” table.
Section 1.0 “Device Overview”
Updated parameters PMA0, PMA1, and PMD0 through PMPD7
(Table 1-1).
Section 6.0 “Interrupt Controller”
IFS0-IFSO4 changed to IFSX (see Section 6.3.2 “IFSx”).
IEC0-IEC4 changed to IECX (see Section 6.3.3 “IECx”).
IPC0-IPC19 changed to IPCx (see Section 6.3.4 “IPCx”).
Section 7.0 “Direct Memory Access (DMA)”
Updated parameter PMP (see Table 7-1).
Section 8.0 “Oscillator Configuration”
Updated the third clock source item (External Clock) in
Section 8.1.1 “System Clock Sources”.
Updated TUN<5:0> (OSCTUN<5:0>) bit description (see
Register 8-4).
Section 20.0 “10-Bit/12-Bit Analog-to-Digital
Converter (ADC1)”
Added Note 2 to Figure 20-3.
Section 26.0 “Special Features”
Added Note 2 to Figure 26-1.
Added Note after second paragraph in Section 26.2 “On-Chip
Voltage Regulator”.
Section 29.0 “Electrical Characteristics”
Updated Max MIPS for temperature range of -40ºC to +125ºC in
Table 29-1.
Updated typical values in Thermal Packaging Characteristics in
Table 29-3.
Added parameters DI11 and DI12 to Table 29-9.
Updated minimum values for parameters D136 (TRW) and D137
(TPE) and removed typical values in Table 29-12.
Added Extended temperature range to Table 29-13.
Updated parameter AD63 and added Note 3 to Table 29-40 and
Table 29-41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com